Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5821 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # CD5821
Description  3 AMP SCHOTTKYBARRIER RECTIFIER CHIPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CD5821 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  CD5821 Datasheet HTML 1Page - Compensated Deuices Incorporated CD5821 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 1N5822 AVAILABLE IN
JANHC AND JANKC PER MIL-PRF-19500/620
• 3 AMP SCHOTTKYBARRIER RECTIFIER CHIPS
• SILICON DIOXIDE PASSIVATED
• COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES,
WITH THE EXCEPTION OF SOLDER REFLOW
MAXIMUM RATINGS
Operating Temperature: -65°C to +125°C
Storage Temperature: -65°C to +150°C
Average Rectified Forward Current: 3.0 AMP @ +55°C
Derating: 43 mA / °C above +55°C
WORKING PEAK
MAXIMUM REVERSE
CDI
REVERSE
MAXIMUM FORWARD VOLTAGE
LEAKAGE CURRENT
TYPE
VOLTAGE
AT RATED VOLTAGE
NUMBER
VRWM
VF@1.0A
VF@3.0A
I R@25°C
I R@100°C
VOLTS
VOLTS
VOLTS
mA
mA
CD5820
20
0.45
0.55
0.10
12.5
CD5821
30
0.45
0.55
0.10
12.5
CD5822
40
0.45
0.55
0.10
12.5
JHC, JKC
40
0.40
0.50
0.10
12.5
5822
CD3A20
20
0.45
0.55
0.10
12.5
CD3A30
30
0.45
0.55
0.10
12.5
CD3A40
40
0.45
0.55
0.10
12.5
BACKSIDE IS CATHODE
FIGURE 1
DESIGN DATA
METALLIZATION:
Top: (Anode)........................Al
Back:(Cathode) ..................Au
AL THICKNESS....... .........25,000
Å Min
GOLD THICKNESS... .........4,000
Å Min
CHIP THICKNESS............. .........10 Mils
TOLERANCES: ALL
Dimensions + 2 mils
CD5820
thru
CD5822
and
CD3A20
thru
CD3A40
64 MILS
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com


Similar Part No. - CD5821

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CD5807 MA-COM-CD5807 Datasheet
370Kb / 4P
Rectifier Diode Chips
CD5809 MA-COM-CD5809 Datasheet
370Kb / 4P
Rectifier Diode Chips
CD5811 MA-COM-CD5811 Datasheet
370Kb / 4P
Rectifier Diode Chips
logo
Compensated Deuices Inc...
CD5817 CDI-DIODE-CD5817 Datasheet
118Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIER CHIPS
CD5818 CDI-DIODE-CD5818 Datasheet
118Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIER CHIPS
More results

Similar Description - CD5821

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB320D TRSYS-SB320D Datasheet
166Kb / 2P
DPAK SURFACE MOUNT SCHOTTKYBARRIER RECTIFIER
logo
Compensated Deuices Inc...
CD5817 CDI-DIODE-CD5817 Datasheet
118Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIER CHIPS
logo
Microsemi Corporation
5820SM MICROSEMI-5820SM Datasheet
103Kb / 2P
3 Amp Schottky Rectifier
LSM335 MICROSEMI-LSM335 Datasheet
99Kb / 2P
3 Amp Schottky Rectifier
MS308 MICROSEMI-MS308 Datasheet
89Kb / 2P
3 Amp Schottky Rectifier
MS345 MICROSEMI-MS345 Datasheet
78Kb / 2P
3 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
30BQ015PBF IRF-30BQ015PBF Datasheet
120Kb / 6P
SCHOTTKY RECTIFIER 3 Amp
logo
Digitron Semiconductors
1N5820 DIGITRON-1N5820 Datasheet
91Kb / 2P
3 AMP SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
NJS60FF06 NJSEMI-NJS60FF06 Datasheet
292Kb / 1P
RECTIFIER CHIPS
logo
Dongguan Pingjingsemi T...
SS32BF-PJ PJSEMI-SS32BF-PJ Datasheet
885Kb / 3P
SCHOTTKYBARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com