Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4626 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # CD4626
Description  ZENER DIODE CHIPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CD4626 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  CD4626 Datasheet HTML 1Page - Compensated Deuices Incorporated CD4626 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
23 MILS
15 MILS
• 1N4614 THRU 1N4627 AVAILABLE IN
JANHC AND JANKC
PER MIL-PRF-19500/435
• ZENER DIODE CHIPS
• ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE
• ELECTRICALLY EQUIVALENT TO 1N4614 THRU 1N4627
• 0.5 WATT CAPABILITY WITH PROPER HEAT SINKING
• COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES,
WITH THE EXCEPTION OF SOLDER REFLOW
DESIGN DATA
METALLIZATION:
Top: (Anode).................... ..Al
Back: (Cathode)............. ..Au
AL THICKNESS....... .....25,000
Å Min
GOLD THICKNESS... .....4,000
Å Min
CHIP THICKNESS............. .....10 Mils
CIRCUIT LAYOUT DATA:
For Zener operation, cathode
must be operated positive with
respect to anode.
TOLERANCES: ALL
Dimensions + 2 mils
MAXIMUM RATINGS
Operating Temperatures: -65°C to +175°C
Storage Temperatures: -65°C to +175°C
Forward Voltage @ 200 mA: 1.5 Volts maximum
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
NOMINAL
ZENER
MAXIMUM
MAXIMUM REVERSE
TYPE
ZENER
TEST
ZENER
LEAKAGE CURRENT
NUMBER
VOLTAGE
CURRENT
IMPEDANCE
V
Z
@ I
ZT
I
ZT
Z
ZT
@ I
ZT
1
R
@ V
R
(Note 1)
(Note 2)
VOLTS
µ A
OHMS
µ A
VOLTS
CD4614
1.8
250
1200
7.5
1
CD4615
2.0
250
1250
5.0
1
CD4616
2.2
250
1300
4.0
1
CD4617
2.4
250
1400
2.0
1
CD4618
2.7
250
1500
1.0
1
CD4619
3.0
250
1600
0.8
1
CD4620
3.3
250
1650
7.5
1.5
CD4621
3.6
250
1700
7.5
2
CD4622
3.9
250
1650
5.0
2
CD4623
4.3
250
1600
4.0
2
CD4624
4.7
250
1550
10.0
3
CD4625
5.1
250
1500
10.0
3
CD4626
5.6
250
1400
10.0
4
CD4627
6.2
250
1200
10.0
5
CD4614
thru
CD4627
BACKSIDE IS CATHODE
FIGURE 1
NOTE 1
Zener voltage range equals nominal Zener voltage + 5% for no suffix types.
Zener voltage is read using a pulse measurement, 10 milliseconds maximum.
"C" suffix = + 2% tolerance and "D" suffix = + 1% tolerance.
NOTE 2
Zener impedance is derived by superimposing on lZT A
60Hz rms a.c. current equal to 10% of lZT.
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com


Similar Part No. - CD4626

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
ZENER DIODE CHIPS
CD4679 CDI-DIODE-CD4679 Datasheet
114Kb / 2P
ZENER DIODE CHIPS
CD4680 CDI-DIODE-CD4680 Datasheet
114Kb / 2P
ZENER DIODE CHIPS
CD4681 CDI-DIODE-CD4681 Datasheet
114Kb / 2P
ZENER DIODE CHIPS
CD4682 CDI-DIODE-CD4682 Datasheet
114Kb / 2P
ZENER DIODE CHIPS
More results

Similar Description - CD4626

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD4099 CDI-DIODE-CD4099 Datasheet
113Kb / 2P
ZENER DIODE CHIPS
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
ZENER DIODE CHIPS
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
ZENER DIODE CHIPS
CD5518B CDI-DIODE-CD5518B Datasheet
114Kb / 2P
ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
ZENER DIODE CHIPS
logo
Weitron Technology
WT-Z105P-AU4 WEITRON-WT-Z105P-AU4 Datasheet
166Kb / 1P
Zener Diode Chips for ESD Protection
WT-Z106P-4-12 WEITRON-WT-Z106P-4-12 Datasheet
175Kb / 1P
Zener Diode Chips for ESD Protection
WT-Z106P-AU4-14 WEITRON-WT-Z106P-AU4-14 Datasheet
126Kb / 1P
Zener Diode Chips for ESD Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com