Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD937 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # CD937
Description  9.0 VOLT NOMINAL ZENER VOLTAGE 5%
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CD937 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  CD937 Datasheet HTML 1Page - Compensated Deuices Incorporated CD937 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
MAXIMUM
ZENER
ZENER
MAXIMUM
VOLTAGE
TEMPERATURE
EFFECTIVE
TYPE
VOLTAGE
TEST
ZENER
TEMPERATURE
RANGE
TEMPERATURE
NUMBER
CURRENT
IMPEDANCE
STABILITY
COEFFICIENT
V
ZT
@ I
ZT
I
ZT
Z
ZT
V
ZT
(Note 3)
(Note 1)
(Note 2)
VOLTS
mA
OHMS
mV
°C
% / °C
CD935
9.0
7.5
30
67
0 to + 75
0.01
CD935A
9.0
7.5
30
139
-55 to + 100
0.01
CD936
9.0
7.5
30
34
0 to + 75
0.005
CD936A
9.0
7.5
30
70
-55 to + 100
0.005
CD937
9.0
7.5
30
13
0 to + 75
0.002
CD937A
9.0
7.5
30
28
-55 to + 100
0.002
NOTE 1
Zener impedance is derived by superimposing on l
ZT
A 60Hz rms a.c.
current equal to 10% of l
ZT.
NOTE 2
The maximum allowable change observed over the entire temperature
range i.e.,the diode voltage will not exceed the specified mV at any
discrete temperature between the established limits, per JEDEC
standard No.5.
NOTE 3
Zener voltage range equals 9.0 volts + 5%.
FIGURE 1
DESIGN DATA
METALLIZATION:
Top: C (Cathode) .................Al
A (Anode) .....................Al
Back: .....................................Au
AL THICKNESS.......25,000
Å Min
GOLD THICKNESS ...4,000
Å Min
CHIP THICKNESS .............10 Mils
CIRCUIT LAYOUT DATA:
Backside must be electrically
isolated.
Backside is not cathode.
For Zener operation cathode must
be operated positive with respect
to anode.
TOLERANCES: ALL
Dimensions + 2 mils
• MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
• ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE
• 9.0 VOLT NOMINAL ZENER VOLTAGE + 5%
• ELECTRICALLY SIMILAR TO 1N935 THRU 1N937A
• COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES,
WITH THE EXCEPTION OF SOLDER REFLOW
CD935
thru
CD937A
38 MILS
23 MILS
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com


Similar Part No. - CD937

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CD937 MICROSEMI-CD937 Datasheet
643Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
CD937A MICROSEMI-CD937A Datasheet
643Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
More results

Similar Description - CD937

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4057 CDI-DIODE-1N4057 Datasheet
50Kb / 2P
12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES 5%
1N4565A CDI-DIODE-1N4565A Datasheet
243Kb / 2P
6.4 VOLT NOMINAL ZENER VOLTAGE 5%
1N4765 CDI-DIODE-1N4765 Datasheet
112Kb / 2P
9.1 VOLT NOMINAL ZENER VOLTAGE 5%
1N4775 CDI-DIODE-1N4775 Datasheet
71Kb / 2P
8.5 VOLT NOMINAL ZENER VOLTAGE 5%
1N4916 CDI-DIODE-1N4916 Datasheet
77Kb / 2P
19.2 VOLT NOMINAL ZENER VOLTAGE 5%
1N935 CDI-DIODE-1N935 Datasheet
107Kb / 2P
9.0 VOLT NOMINAL ZENER VOLTAGE
1N941 CDI-DIODE-1N941 Datasheet
112Kb / 2P
11.7 VOLT NOMINAL ZENER VOLTAGE
CD3154 CDI-DIODE-CD3154 Datasheet
106Kb / 2P
8.4 VOLT NOMINAL ZENER VOLTAGE 5%
CDLL4765 CDI-DIODE-CDLL4765 Datasheet
111Kb / 2P
9.1 VOLT NOMINAL ZENER VOLTAGE 5%
logo
New Jersey Semi-Conduct...
1N4896A NJSEMI-1N4896A Datasheet
84Kb / 1P
12.8 VOLT NOMINAL ZENER VOLTAGE 짹 5%
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com