Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS92D Datasheet(PDF) 6 Page - Motorola, Inc

Part # SN74LS92D
Description  DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS92D Datasheet(HTML) 6 Page - Motorola, Inc

  SN74LS92D Datasheet HTML 1Page - Motorola, Inc SN74LS92D Datasheet HTML 2Page - Motorola, Inc SN74LS92D Datasheet HTML 3Page - Motorola, Inc SN74LS92D Datasheet HTML 4Page - Motorola, Inc SN74LS92D Datasheet HTML 5Page - Motorola, Inc SN74LS92D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5-95
FAST AND LS TTL DATA
SN54/74LS90
• SN54/74LS92 • SN54/74LS93
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V, CL = 15 pF)
Symbol
Parameter
Limits
Unit
Symbol
Parameter
LS90
LS92
LS93
Unit
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
CP0 Input Clock Frequency
32
32
32
MHz
fMAX
CP1 Input Clock Frequency
16
16
16
MHz
tPLH
tPHL
Propagation Delay,
CP0 Input to Q0 Output
10
12
16
18
10
12
16
18
10
12
16
18
ns
tPLH
tPHL
CP0 Input to Q3 Output
32
34
48
50
32
34
48
50
46
46
70
70
ns
tPLH
tPHL
CP1 Input to Q1 Output
10
14
16
21
10
14
16
21
10
14
16
21
ns
tPLH
tPHL
CP1 Input to Q2 Output
21
23
32
35
10
14
16
21
21
23
32
35
ns
tPLH
tPHL
CP1 Input to Q3 Output
21
23
32
35
21
23
32
35
34
34
51
51
ns
tPLH
MS Input to Q0 and Q3 Outputs
20
30
ns
tPHL
MS Input to Q1 and Q2 Outputs
26
40
ns
tPHL
MR Input to Any Output
26
40
26
40
26
40
ns
AC SETUP REQUIREMENTS (TA = 25°C, VCC = 5.0 V)
Symbol
Parameter
Limits
Unit
Symbol
Parameter
LS90
LS92
LS93
Unit
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
tW
CP0 Pulse Width
15
15
15
ns
tW
CP1 Pulse Width
30
30
30
ns
tW
MS Pulse Width
15
ns
tW
MR Pulse Width
15
15
15
ns
trec
Recovery Time MR to CP
25
25
25
ns
RECOVERY TIME (trec) is defined as the minimum time required between the end of the reset pulse and the clock transition from HIGH-to-LOW in order to recognize
and transfer HIGH data to the Q outputs
AC WAVEFORMS
Figure 1
Figure 2
Figure 3
*CP
Q
1.3 V
tPHL
tW
1.3 V
1.3 V
1.3 V
1.3 V
tPLH
*The number of Clock Pulses required between the tPHL and tPLH measurements can be determined from the appropriate Truth Tables.
MR & MS
CP
Q
MS
Q0 • Q3
(LS90)
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
tPHL
tW
tPLH
trec
tW
CP
trec



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com