Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD827 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # CD827
Description  MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CD827 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  CD827 Datasheet HTML 1Page - Compensated Deuices Incorporated CD827 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
REVERSE LEAKAGE CURRENT
lR = 2 µA @ 25°C & VR = 3 Vdc
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
-55° TO +100°
CDI
ZENER
ZENER
MAXIMUM
VOLTAGE
EFFECTIVE
TYPE
VOLTAGE
TEST
ZENER
TEMPERATURE TEMPERATURE
NUMBER
CURRENT
IMPEDANCE
STABILITY
COEFFICIENT
V
ZT
@ I
ZT
I
ZT
Z
ZT
∆V
ZT
(Note 1)
(Note 2)
VOLTS
mA
OHMS
mV
% / °C
CD821
5.9 - 6.5
7.5
15
96
0.01
CD821A
5.9 - 6.5
7.5
10
96
0.01
CD823
5.9 - 6.5
7.5
15
48
0.005
CD823A
5.9 - 6.5
7.5
10
48
0.005
CD825
5.9 - 6.5
7.5
15
19
0.002
CD825A
5.9 - 6.5
7.5
10
19
0.002
CD826
5.9 - 6.5
7.5
15
20
0.002
CD827
5.9 - 6.5
7.5
15
9
0.001
CD827A
5.9 - 6.5
7.5
10
9
0.001
CD828
6.2 - 6.9
7.5
15
10
0.001
CD829
5.9 - 6.5
7.5
15
5
0.0005
CD829A
5.9 - 6.5
7.5
10
5
0.0005
NOTE 1
Zener impedance is derived by superimposing on l
ZT
A 60Hz rms a.c.
current equal to 10% of l
ZT.
NOTE 2
The maximum allowable change observed over the entire temperature
range i.e.,the diode voltage will not exceed the specified mV at any
discrete temperature between the established limits, per JEDEC
standard No.5.
Backside is not cathode
and must be electrically isolated
T = Metallization Test Pad
DESIGN DATA
METALLIZATION:
Top: C (Cathode) ...................Al
A (Anode) ...................... Al
Back: .......................................Au
AL THICKNESS.........25,000
Å Min
GOLD THICKNESS......4,000
Å Min
CHIP THICKNESS. ..............10 Mils
CIRCUIT LAYOUT DATA:
Backside must be electrically
isolated.
Backside is not cathode.
For Zener operation cathode must
be operated positive with respect
to anode.
TOLERANCES: ALL
Dimensions + 2 mils
• 1N821 THRU 1N829 AVAILABLE IN
JANHC AND JANKC
PER MIL-PRF-19500/159
• MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
• ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE
• ELECTRICALLY EQUIVALENT TO 1N821 THRU 1N829
• COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES,
WITH THE EXCEPTION OF SOLDER REFLOW
CD821
thru
CD829A
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com


Similar Part No. - CD827

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CD827 MICROSEMI-CD827 Datasheet
287Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
CD827A MICROSEMI-CD827A Datasheet
287Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
More results

Similar Description - CD827

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD4765 CDI-DIODE-CD4765 Datasheet
137Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CD821 MICROSEMI-CD821 Datasheet
287Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
CD935 MICROSEMI-CD935 Datasheet
643Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
CD4765 MICROSEMI-CD4765 Datasheet
562Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
1N821 MICROSEMI-1N821_10 Datasheet
119Kb / 2P
Monolithic Temperature Compensated Zener Reference Chips
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com