Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT93C57PI-TE13 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT93C57PI-TE13
Description  1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C57PI-TE13 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT93C57PI-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C57PI-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C57PI-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C57PI-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C57PI-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C57PI-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C57PI-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C57PI-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C57PI-TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
93C46/56/57/66/86
Doc. No. 25056-00 2/98 M-1
DEVICE OPERATION
The CAT93C46/56(57)66/86 is a 1024/2048/4096/
16,384-bit nonvolatile memory intended for use with
industry standard microprocessors. The CAT93C46/56/
57/66/86 can be organized as either registers of 16 bits
or 8 bits. When organized as X16, seven 9-bit instruc-
tions for 93C46; seven 10-bit instructions for 93C57;
seven 11-bit instructions for 93C56 and 93C66; seven
13-bit instructions for 93C86; control the reading, writing
and erase operations of the device. When organized as
X8, seven 10-bit instructions for 93C46; seven 11-bit
instructions for 93C57; seven 12-bit instructions for
93C56 and 93C66: seven 14-bit instructions for 93C86;
control the reading, writing and erase operations of the
device. The CAT93C46/56/57/66/86 operates on a single
power supply and will generate on chip, the high voltage
required during any write operation.
Instructions, addresses, and write data are clocked into
the DI pin on the rising edge of the clock (SK). The DO
pin is normally in a high impedance state except when
reading data from the device, or when checking the
ready/busy status after a write operation.
The ready/busy status can be determined after the start
of a write operation by selecting the device (CS high) and
polling the DO pin; DO low indicates that the write
operation is not completed, while DO high indicates that
the device is ready for the next instruction. If necessary,
the DO pin may be placed back into a high impedance
state during chip select by shifting a dummy “1” into the
DI pin. The DO pin will enter the high impedance state on
the falling edge of the clock (SK). Placing the DO pin into
the high impedance state is recommended in applica-
tions where the DI pin and the DO pin are to be tied
together to form a common DI/O pin.
Figure 1. Sychronous Data Timing
93C46/56/57/66/86 F03
Figure 2a. Read Instruction Timing (93C46)
93C46/56/57/66/86 F04
SK
DI
CS
DO
tDIS
tPD0,tPD1
tCSMIN
tCSS
tDIS
tDIH
tSKHI
tCSH
VALID
VALID
DATA VALID
tSKLOW
SK
CS
DI
DO
tCS
STANDBY
tHZ
HIGH-Z
HIGH-Z
11
0
AN AN–1
A0
0
DN DN–1
D1
D0
tPD0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com