Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD829 Datasheet(PDF) 2 Page - Compensated Deuices Incorporated

Part # CD829
Description  MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CD829 Datasheet(HTML) 2 Page - Compensated Deuices Incorporated

  CD829 Datasheet HTML 1Page - Compensated Deuices Incorporated CD829 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CD821 thru CD829A
FIGURE 4
TYPICAL CHANGE OF TEMPERATURE COEFFICIENT
WITH CHANGE IN OPERATING CURRENT
+.0010
+.0005
0
-.0005
-.0010
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
OPERATING CURRENT l
ZT
(mA)
56
7
8
9
10
OPERATING CURRENT l
ZT
(mA)
FIGURE 3
ZENER IMPEDANCE
VS.
OPERATING CURRENT
500
100
50
10
5
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com