Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4126 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # CD4126
Description  ZENER DIODE CHIPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CD4126 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  CD4126 Datasheet HTML 1Page - Compensated Deuices Incorporated CD4126 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
23 MILS
15 MILS
CD4099
thru
CD4135
Backside is Cathode
FIGURE 1
DESIGN DATA
METALLIZATION:
Top: (Anode)..................... ...Al
Back:(Cathode)...................Au
AL THICKNESS............25,000
Å Min
GOLD THICKNESS... .....4,000
Å Min
CHIP THICKNESS............ ......10 Mils
CIRCUIT LAYOUT DATA:
For Zener operation, cathode
must be operated positive with
respect to anode.
TOLERANCES: ALL
Dimensions + 2 mils
• 1N4099 THRU 1N4135 AVAILABLE IN
JANHC AND JANKC
PER MIL-PRF-19500/435
• ZENER DIODE CHIPS
• ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE
• 0.5 WATT CAPABILITY WITH PROPER HEAT SINKING
• ELECTRICALLY EQUIVALENT TO 1N4099 THRU 1N4135
• COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES,
WITH THE EXCEPTION OF SOLDER REFLOW
MAXIMUM RATINGS
Operating Temperatures: -65°C to +175°C
Storage Temperatures: -65°C to +175°C
Forward Voltage @ 200 mA: 1.5 Volts maximum
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
CDI
NOMINAL
ZENER
MAXIMUM
MAXIMUM REVERSE
TYPE
ZENER
TEST
ZENER
LEAKAGE CURRENT
NUMBER
VOLTAGE
CURRENT
IMPEDANCE
V
Z
@ I
ZT
I
ZT
Z
ZT
I
R
@ V
R
(Note 1)
(Note 2)
VOLTS
µ A
OHMS
µ A
VOLTS
CD4099
6.8
250
200
10.0
5.17
CD4100
7.5
250
200
10.0
5.70
CD4101
8.2
250
200
1.0
6.24
CD4102
8.7
250
200
1.0
6.61
CD4103
9.1
250
200
1.0
6.92
CD4104
10
250
200
1.0
7.60
CD4105
11
250
200
.05
8.44
CD4106
12
250
200
.05
9.12
CD4107
13
250
200
.05
9.87
CD4108
14
250
200
.05
10.65
CD4109
15
250
100
.05
11.40
CD4110
16
250
100
.05
12.15
CD4111
17
250
100
.05
12.92
CD4112
18
250
100
.05
13.67
CD4113
19
250
150
.05
14.44
CD4114
20
250
150
.01
15.20
CD4115
22
250
150
.01
16.72
CD4116
24
250
150
.01
18.25
CD4117
25
250
150
.01
19.00
CD4118
27
250
150
.01
20.46
CD4119
28
250
200
.01
21.28
CD4120
30
250
200
.01
22.80
CD4121
33
250
200
.01
25.08
CD4122
36
250
200
.01
27.38
CD4123
39
250
200
.01
29.65
CD4124
43
250
250
.01
32.56
CD4125
47
250
250
.01
35.75
CD4126
51
250
300
.01
38.76
CD4127
56
250
300
.01
42.60
CD4128
60
250
400
.01
45.60
CD4129
62
250
500
.01
47.10
CD4130
68
250
700
.01
51.68
CD4131
75
250
700
.01
57.00
CD4132
82
250
800
.01
62.32
CD4133
87
250
1000
.01
66.12
CD4134
91
250
1200
.01
69.16
CD4135
100
250
1500
.01
76.00
NOTE 1 Zener voltage range equals nominal Zener voltage + 5% for no suffix types.
Zener voltage is read using a pulse measurement, 10 milliseconds maximum.
"C" suffix = + 2% and "D" suffix = + 1%.
NOTE 2 Zener impedance is derived by superimposing on lZT A
60Hz rms a.c. current equal to 10% of lZT.
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com


Similar Part No. - CD4126

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
CD412499C PAM-CD412499C Datasheet
463Kb / 5P
POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / 2000 to 2500 Volts
More results

Similar Description - CD4126

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD4614 CDI-DIODE-CD4614 Datasheet
112Kb / 2P
ZENER DIODE CHIPS
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
ZENER DIODE CHIPS
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
ZENER DIODE CHIPS
CD5518B CDI-DIODE-CD5518B Datasheet
114Kb / 2P
ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
ZENER DIODE CHIPS
logo
Weitron Technology
WT-Z105P-AU4 WEITRON-WT-Z105P-AU4 Datasheet
166Kb / 1P
Zener Diode Chips for ESD Protection
WT-Z106P-4-12 WEITRON-WT-Z106P-4-12 Datasheet
175Kb / 1P
Zener Diode Chips for ESD Protection
WT-Z106P-AU4-14 WEITRON-WT-Z106P-AU4-14 Datasheet
126Kb / 1P
Zener Diode Chips for ESD Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com