Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC2PBCLP Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # DC2PBCLP
Description  ARMOIRE POUR SERVEUR - MODELE ECONOMIQUE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

DC2PBCLP Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  DC2PBCLP Datasheet HTML 1Page - Hammond Manufacturing Ltd. DC2PBCLP Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Two Post Mounting Cantilever Shelf
Four Post Mounting Adjustable Depth
Shelf
Two or Four Post Mounting Storage
Drawer
Four Post Mounting Sliding Shelf
Four Post Mounting Keyboard Drawer
Rack Unit Label
Horizontal Lacing Bar
Horizontal Steel Ring Cable Manager
Horizontal Hinged Cable Manager
Horizontal Steel Finger Cable
Manager
Horizontal Hinged Cable Guide
Outlet Strips
Mounting Hardware
Rack Panels
Accessoires
Part No.
Overall Dimensions
Rack
Usable Mounting Dimensions
Shipping
Height
Width
Depth
Units
Height
Width
Depth
Weight
DC2004224
47.10
23.60
43.40
24U
42.00
19.00
38.00
280 lb
DC2004242
78.60
23.60
43.30
42U
73.50
19.00
38.00
385 lb
DC200 Specific Accessories
Part No.
Description
DC2PBCLP
Accessory mounting bracket for Hammond vertical outlet strips and cable managers
DC200PR24
Pair of 24U Square Hole Mounting Rails
DC200PR42
Pair of 42U Square Hole Mounting Rails
Compatible Vertical Cable Managers
Part No.
Description
C4V CM73BK1
Vertical Cable Manager with Hinged Door
V CT73
Vertical Cable Tray
V CTPDU73
Vertical Cable Tray with Tooless PDU Cutouts.
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com