Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH127/LDNP-331M Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH127/LDNP-331M
Description  POWER INDUCTORS SMD Type: CDRH Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH127/LDNP-331M Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH127/LDNP-331M Datasheet HTML 1Page - Sumida Corporation CDRH127/LDNP-331M Datasheet HTML 2Page - Sumida Corporation CDRH127/LDNP-331M Datasheet HTML 3Page - Sumida Corporation CDRH127/LDNP-331M Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH127 , CDRH127/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/4
◆
◆
◆
◆
Specification(CDRH127/LD)
Part Name
※
Stamp
Inductance
(
μH)
D.C.R.(
Ω)
Max.(Typ.)(at 20
℃)
Rated Current
(
A)※1
Measuring
frequency
CDRH127/LDNP-1R0N
□
1R0
1.0
±30%
6.5m(5.0m)
14.0
CDRH127/LDNP-2R4N
□
2R4
2.4
± 30%
10.5m(8.1m)
10.3
CDRH127/LDNP-3R5N
□
3R5
3.5
± 30%
12.4m(9.5m)
9.30
CDRH127/LDNP-4R6N
□
4R6
4.6
± 30%
13.8m(10.6m)
9.10
CDRH127/LDNP-5R8N
□
5R8
5.8
± 30%
16.2m(12.4m)
8.60
CDRH127/LDNP-7R4N
□
7R4
7.4
± 30%
17.7m(13.6m)
7.40
at
100 kHz
CDRH127/LDNP-100M
□
100
10
± 20%
19.5m(15.0m)
6.70
CDRH127/LDNP-120M
□
120
12
± 20%
21.3m(16.4m)
6.45
CDRH127/LDNP-150M
□
150
15
± 20%
26.4m(20.3m)
5.65
CDRH127/LDNP-180M
□
180
18
± 20%
28.0m(21.5m)
5.10
CDRH127/LDNP-220M
□
220
22
± 20%
36.4m(28.0m)
4.70
CDRH127/LDNP-270M
□
270
27
± 20%
41.6m(32.0m)
4.20
CDRH127/LDNP-330M
□
330
33
± 20%
53.3m(41.0m)
3.90
CDRH127/LDNP-390M
□
390
39
± 20%
60.5m(46.5m)
3.50
CDRH127/LDNP-470M
□
470
47
± 20%
78.0m(60.0m)
3.25
CDRH127/LDNP-560M
□
560
56
± 20%
90.0m(69.0m)
2.90
CDRH127/LDNP-680M
□
680
68
± 20%
120m(92.0m)
2.60
CDRH127/LDNP-820M
□
820
82
± 20%
119m(91.0m)
2.40
CDRH127/LDNP-101M
□
101
100
± 20%
151m (119m)
2.10
CDRH127/LDNP-121M
□
121
120
± 20%
169m (130m)
1.90
CDRH127/LDNP-151M
□
151
150
± 20%
227m (174m)
1.80
CDRH127/LDNP-181M
□
181
180
± 20%
299m (230m)
1.55
CDRH127/LDNP-221M
□
221
220
± 20%
338m (260m)
1.45
CDRH127/LDNP-271M
□
271
270
± 20%
419m (322m)
1.30
CDRH127/LDNP-331M
□
331
330
± 20%
471m (362m)
1.20
CDRH127/LDNP-391M
□
391
390
± 20%
572m (440m)
1.10
CDRH127/LDNP-471M
□
471
470
± 20%
741m (570m)
1.00
CDRH127/LDNP-561M
□
561
560
± 20%
852m (655m)
0.95
CDRH127/LDNP-681M
□
681
680
± 20%
1.13 (870m)
0.85
CDRH127/LDNP-821M
□
821
820
± 20%
1.24 (950m)
0.75
CDRH127/LDNP-102M
□
102
1000
± 20%
1.50 (1.15)
0.70
at
1 kHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com