Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSE-815TQ-R450UB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSE-815TQ-R450UB
Description  SuperChassis 815TQ-R450UV / 815TQ-R450UB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSE-815TQ-R450UB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSE-815TQ-R450UB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hom e
Contact Us
Advanced Search
Products
Chassis
1U
[ SC815TQ-R450UV / SC815TQ-R450UB ]
Key Features
1. 450W Redundant Pow er Supply
2. 4x 3.5" Hot-sw ap SAS / SATA Drive
Bays
3. 1x Slim DVD-ROM Drive,
1x Slim Floppy Drive (Optional)
4. 3x 4cm Cooling Fans
5. 1x Full-height Universal I/O
(UIO Expansion Slot)
6. 1x Full-height, Full-length I/O
Expansion Slot
7. 1x Low -profile I/O Expansion Slot
8. Pow er Sw itch, Reset, UID Button &
5 LED Indicators
Please Note: Full SES2 Support is only
available on SAS motherboards
Resources
Silver
Black
Product SKUs
CSE-815TQ-
R450UV
SuperChassis 815TQ-R450UV (Silver)
CSE-815TQ-
R450UB
SuperChassis 815TQ-R450UB (Black)
Form Factor
1U chassis support for max. motherboard size - 12" x 13" E-ATX
• Optimized for Universal I/O (UIO) motherboards
Processor Support
Dual Xeon® / Pentium® D 1066MHz Processors
Dimensions
Height
1.7" (43mm)
Width
17.2" (437mm)
Depth
25.6" (650mm)
Gross Weight
40 lbs (18.1kg)
Available Colors
Silver, Black
Expansion Slots
1x Full-height Universal I/O Expansion Slot (Riser Card Required)
1x Full-height, Full-length PCI Expansion Slot (Riser Card
Required)
1x Low -profile PCI Expansion Slot (Riser Card Required)
Drive Bays
Hot-sw ap
4x 3.5" SAS / SATA Hot-sw ap drive
trays
SAS / SATA Backplane
1x 1U SAS / SATA backplane
Peripheral Drives
Floppy
3.5" 1.44MB Slim Floppy Drive
(Optional)
DVD-ROM
Slim 8x DVD / 24x CD, DVD-ROM Drive
System Cooling
Fans
3x 4cm counter-rotating fans
Front Panel
Buttons
Pow er On/Off button
System Reset button
UID button
LEDs
Pow er LED
Hard drive activity LED
2x Netw ork activity LEDs
Universal Information (UID) LED
Ports
2x USB & DB9 COM port tray
(Optional - in place of floppy drive)
Operating Environment (System)
Operating
Temperature
Range
10 - 35°C (50° to 95° F)
Non-Operating
Temperature
Range
-40 - +70°C (-40° to 158° F)
Humidity Range
8 - 90% non-condensing
Non-Operating
Humidity Range
5 - 95% non-condensing
Pow er Supply
450W (1 + 1) Redundant AC pow er supply w / PFC
AC Voltage
100 - 240V, 60-50Hz, 6.3-3.2 Amp
+5V
25 Amp
+5V standby
3 Amp
+12V
37 Amp
-12V
0.6 Amp
+3.3V
25 Amp
Regulatory (Pow er Supply)
Pow er Supply
Safety / EMC
USA - UL listed, FCC
Canada - CUL listed
China - CCC Mark
Europe/CE Mark
EN 60950/IEC 60950-Compliant
Germany - TUV Certified
Standard Parts List
Part Number
Qty
Description
Chassis
CSE-815TQ-R450UV
CSE-815TQ-R450UB
1
1
1U Chassis (Silver)
1U Chassis (Black)
Air Shroud
MCP-310-00033-01
1
Cooling Air Shroud
Backplane
BPN-SAS-815TQ
1
1U Backplane (4 x 3.5" SAS/SATA) [ Manual ]
Cable(s)
CBL-0139L
CBL-0157L
CBL-0180L-01
CBL-0191L
1
1
1
1
50cm 80-Wire IDE (DVD-ROM) Cable
8-pin to 8-pin Ribbon Cable for SGPIO (Supports Up to 4 Drives)
SATA Cable Set
50cm 20-pin to 20-pin Front Control Cable
Fan(s)
FAN-0086L4
CSE-PT0100
CSE-PT0135
3
3
1
1U, 4-Pin Counter-rotating Fan
Dummy Fan
Fan Holder
Hard Drive Trays
MCP-220-00001-03(01)
4
Silver Hard Drive Carriers (01 = Black)
Mounting Rails
CSE-PT51L
1
1U Slide Rails
Peripheral Drives
DVM-PNSC-824V(B)
1
8x DVD / 24x CD, DVD-ROM Drive (B = Black)
Pow er Supply
PWS-451-1R
PDB-PT815-CP20
2
1
450W High-efficiency Pow er Supply
Pow er Distributor
Optional Parts List
Part Number
Qty
Description
Front Tray
CSE-PT40(B)
-
Front USB and COM tray
(Occupies Slim Floppy Drive Location)
Heatsink / Retention
-
-
Please refer to our Thermal Components Matrix
Peripheral Drives
FPD-TEAC-S(B/V)
CSE-PT93L(-B/V)
CSE-PT94L(-B/V)
-
-
-
Slim TEAC Floppy Drive (B = black; V = silver)
DVD or CD dummy cover (B = black; V = silver)
FDD or USB tray dummy cover (B = black; V = silver)
Front Bezel
( Compatibility Table )
CSE-PTFB-813(B)
-
Front Bezel Cover w ith Key Lock and Filter, Black (B) & Beige
Terms & Conditions | Privacy | Investor Relations
Copyright © 2009 Super Micro Computer, Inc.
I nformation in this doc ument is s ubjec t to c hange without notic e.
O ther produc ts and c ompanies referred to herein are trademarks or regis tered trademarks of their res pec tive c ompanies or mark holders .
P age V iewed: T ues day, M arc h 2 4 , 2 0 0 9 : @1 2 :1 2 :2 5
SuperChassis 815TQ-R450UV / 815TQ-R450UB
Search


Similar Part No. - CSE-815TQ-R450UB

ManufacturerPart #DatasheetDescription
logo
Super Micro Computer, I...
CSE-811T-410 SUPERMICRO-CSE-811T-410 Datasheet
240Kb / 1P
Single socket H2 (LGA 1155) supports Intel® Xeon® E3-1200 family, Intel® 2nd Generation Core i3 & Inte®l
2012
CSE-811T-420 SUPERMICRO-CSE-811T-420 Datasheet
240Kb / 1P
Single socket H2 (LGA 1155) supports Intel® Xeon® E3-1200 family, Intel® 2nd Generation Core i3 & Inte®l
2012
CSE-811T-420-INF SUPERMICRO-CSE-811T-420-INF Datasheet
240Kb / 1P
Single socket H2 (LGA 1155) supports Intel® Xeon® E3-1200 family, Intel® 2nd Generation Core i3 & Inte®l
2012
CSE-811T-520 SUPERMICRO-CSE-811T-520 Datasheet
240Kb / 1P
Single socket H2 (LGA 1155) supports Intel® Xeon® E3-1200 family, Intel® 2nd Generation Core i3 & Inte®l
2012
CSE-811TQ-260 SUPERMICRO-CSE-811TQ-260 Datasheet
240Kb / 1P
Single socket H2 (LGA 1155) supports Intel® Xeon® E3-1200 family, Intel® 2nd Generation Core i3 & Inte®l
2012
More results

Similar Description - CSE-815TQ-R450UB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRSQ80GCBCB ETC2-PRSQ80GCBCB Datasheet
121Kb / 1P
SuperChassis 502-200B
S19258PBIB ETC2-S19258PBIB Datasheet
121Kb / 1P
SuperChassis 502-200B
836BE1C-R1K03B ETC-836BE1C-R1K03B Datasheet
175Kb / 3P
SuperChassis 836BE1C-R1K03B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com