Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR0402 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CSR0402
Description  CSR/CSRN Series Thick Film Current Sensing Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSR0402 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CSR0402 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSR0402 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSR0402 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSR0402 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSR0402 Datasheet HTML 5Page - List of Unclassifed Manufacturers CSR0402 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev Date: 11/05/2012
4
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSR/CSRN Series
Thick Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Test
Test Specification
Test Conditions
Test Limits
Typical
High Temperature Exposure
MIL-STD-202 Method 108
1000 hrs. @ T=155°C. Unpowered. Measurement
at 24 ± 4 hours after test conclusion.
1% Tol: (±1.0% +0.05 )
2%, 5% Tol:(±1.5% +0.10 )
≤ 0.5%
Temperature Cycling
JESD22 Method JA-104
1000 Cycles (-55°C to +125°C) Measurement at
24 ± 4 hours after test conclusion.
30 min maximum dwell time at each temperature
extreme. 1 min. maximum transition time.
1% Tol: (±0.5% +0.05 )
2%, 5% Tol:(±1.5% +0.10 )
≤ 0.5%
Biased Humidity
MIL-STD-202 Method 103
1000 hours 85°C/85% RH. Note: Specified conditions:
10% of operating power. Measurement at 24 ± 4
hours after test conclusion.
1% Tol: (±1.00% +0.10 )
2%, 5% Tol:(±2.00% +0.10 )
≤ 0.5%
Operational Life
MIL-STD-202 Method 108
Condition D Steady State TA=125°C at rated power.
Measurement at 24 ± 4 hours after test conclusion.
1% Tol: (±1.00% +0.10 )
2%, 5% Tol:(±2.00% +0.10 )
≤ 0.5%
External Visual
MIL-STD 883 Method 2009
Electrical test not required. Inspect device
construction, marking and workmanship
--
Pass
Physical Dimensions
JESD22 Method JB-100
Verify physical dimensions to the applicable device
detail specification. Note: User(s) and Suppliers spec.
Electrical test not required.
--
Pass
Resistance to Solvents
MIL-STD 202 Method 215
Note: Aqueous wash chemical - OKEM Clean or
equivalent. Do not use banned solvents.
Marking unsmeared
Pass
Mechanical Shock
MIL-STD 202 Method 213
Figure 1 of Method 213. Condition C.
1% Tol: (±0.25% +0.05 )
2%, 5% Tol:(±1.00% +0.05 )
≤ 0.5%
Vibration
MIL-STD 202 Method 204
5 g's for 20 min., 12 cycles each of 3 orientations.
Note: Use 8"X5" PCB 0.031" thick 7 secure points on
one long side and 2 secure points at corners of
opposite sides. Parts mounted within 2" from any
secure point. Test from 10 - 2000 Hz.
1% Tol: (±0.50% +0.05 )
2%, 5% Tol:(±1.00% +0.05 )
≤ 0.5%
Resistance to Soldering Heat
MIL-STD 202 Method 210
Condition B no pre-heat of samples. Note: Single
wave solder - Procedure 2 for SMD.
1% Tol: (±0.50% +0.05 )
2%, 5% Tol:(±1.00% +0.05 )
≤ 0.5%
ESD
AEC-Q200-002
With the electrometer in direct contact with the
discharge tip, verify the voltage setting at levels
of ±500 V, ±1kV, ±2kV, ±4kV, ±8kV.
The electrometer reading shall be within ±10%
for voltages from 500 V to ≤ 8 kV.
--
Pass
Solderability
J-STD-002
Electrical test not required. Magnification 50X.
Conditions:
SMD:
a) Method B, 4 hrs @ 155°C dry heat @ 235°C.
b) Method B @ 215°C category 3.
c) Method D category 3 @ 260°C.
> 95% Coverage
Pass
Electrical Characterization
User Spec
Parametrically test per lot and sample size
requirements, summary to show Min, Max, Mean and
Standard Deviation at room as well as Min and Max
operating temperatures.
--
Pass
Flammability
UL-94
V-0 or V-1 are acceptable.
Electrical test not required.
No ignition of tissue or scorching
of pine board.
Pass
Board Flex
AEC-Q200-005
60 second minimum holding time.
1% Tol: (±1.00% +0.05 )
2%, 5% Tol:(±1.00% +0.05 )
≤ 0.5%
Terminal Strength (SMD)
AEC-Q200-006
None broken
Pass
Flame Retardance
AEC-Q200-001
No flame
Pass
Operating Temperature Range: -55ºC to +155ºC
Performance Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com