Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS82C55A Datasheet(PDF) 9 Page - Intersil Corporation

Part # CS82C55A
Description  CMOS Programmable Peripheral Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C55A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CS82C55A Datasheet HTML 5Page - Intersil Corporation CS82C55A Datasheet HTML 6Page - Intersil Corporation CS82C55A Datasheet HTML 7Page - Intersil Corporation CS82C55A Datasheet HTML 8Page - Intersil Corporation CS82C55A Datasheet HTML 9Page - Intersil Corporation CS82C55A Datasheet HTML 10Page - Intersil Corporation CS82C55A Datasheet HTML 11Page - Intersil Corporation CS82C55A Datasheet HTML 12Page - Intersil Corporation CS82C55A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
FN2969.10
November 16, 2006
Operating Modes
Mode 1 - (Strobed Input/Output). This functional
configuration provides a means for transferring I/O data to or
from a specified port in conjunction with strobes or “hand
shaking” signals. In mode 1, port A and port B use the lines
on port C to generate or accept these “hand shaking”
signals.
Mode 1 Basic Function Definitions:
• Two Groups (Group A and Group B)
• Each group contains one 8-bit port and one 4-bit
control/data port
• The 8-bit data port can be either input or output. Both
inputs and outputs are latched.
• The 4-bit port is used for control and status of the 8-bit port.
Input Control Signal Definition
(Figures 6 and 7)
STB (Strobe Input)
A “low” on this input loads data into the input latch.
IBF (Input Buffer Full F/F)
A “high” on this output indicates that the data has been
loaded into the input latch: in essence, an acknowledgment.
IBF is set by STB input being low and is reset by the rising
edge of the RD input.
CONTROL WORD #12
CONTROL WORD #14
CONTROL WORD #13
CONTROL WORD #15
Mode 0 Configurations (Continued)
1
D7
0
D6
0
D5
1
D4
1
D3
0
D2
0
D1
0
D0
8
PA7 - PA0
4
PC7 - PC4
4
PC3 - PC0
8
PB7 - PB0
D7 - D0
82C55A
A
B
C
1
D7
0
D6
0
D5
1
D4
1
D3
0
D2
1
D1
0
D0
8
PA7 - PA0
4
PC7 - PC4
4
PC3 - PC0
8
PB7 - PB0
D7 - D0
82C55A
A
B
C
1
D7
0
D6
0
D5
1
D4
1
D3
0
D2
0
D1
1
D0
8
PA7 - PA0
4
PC7 - PC4
4
PC3 - PC0
8
PB7 - PB0
D7 - D0
82C55A
A
B
C
1
D7
0
D6
0
D5
1
D4
1
D3
0
D2
1
D1
1
D0
8
PA7 - PA0
4
PC7 - PC4
4
PC3 - PC0
8
PB7 - PB0
D7 - D0
82C55A
A
B
C
FIGURE 6. MODE 1 INPUT
1
D7
0
D6
1
D5
1
D4
1/0
D3 D2 D1 D0
CONTROL WORD
MODE 1 (PORT A)
PC4
8
IBFA
PC5
INTE
A
PA7-PA0
STBA
INTRA
PC3
PC6, PC7
I/O
2
RD
PC6, PC7
1 = INPUT
0 = OUTPUT
1
D7 D6 D5 D4 D3 D2 D1 D0
CONTROL WORD
MODE 1 (PORT B)
PC2
8
IBFB
PC1
INTE
B
PB7-PB0
STBB
INTRB
PC0
RD
11
82C55A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com