Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRN2512 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CSRN2512
Description  CSR/CSRN Series Thick Film Current Sensing Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSRN2512 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CSRN2512 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSRN2512 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSRN2512 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSRN2512 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSRN2512 Datasheet HTML 5Page - List of Unclassifed Manufacturers CSRN2512 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev Date: 11/05/2012
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSR/CSRN Series
Thick Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
0.039 ± 0.002
0.020 ± 0.002
0.013 ± 0.004
0.010 ± 0.004
0.008 ± 0.004
inches
1.00 ± 0.05
0.50 ± 0.05
0.32 ± 0.10
0.25 ± 0.10
0.20 ± 0.10
mm
0.063 ± 0.004
0.031 ± 0.004
0.018 ± 0.004
0.012 ± 0.008
0.012 ± 0.008
inches
1.60 ± 0.10
0.80 ± 0.10
0.45 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
mm
0.079 ± 0.006
0.049 ± 0.006
0.022 ± 0.004
0.012 ± 0.008
0.016 ± 0.010
inches
2.00 ± 0.15
1.25 ± 0.15
0.55 ± 0.10
0.30 ± 0.20
0.40 ± 0.25
mm
0.120 ± 0.006
0.061 ± 0.006
0.022 ± 0.004
0.020 ± 0.012
0.016 ± 0.010
inches
3.05 ± 0.15
1.55 ± 0.15
0.55 ± 0.10
0.50 ± 0.30
0.40 ± 0.25
mm
0.122 ± 0.004
0.102 ± 0.006
0.022 ± 0.004
0.020 ± 0.012
0.020 ± 0.010
inches
3.10 ± 0.10
2.60 ± 0.15
0.55 ± 0.10
0.50 ± 0.30
0.50 ± 0.25
mm
0.079 ± 0.008
0.148 ± 0.008
0.024 ± 0.004
0.016 ± 0.008
0.016 ± 0.008
inches
2.00 ± 0.20
3.75 ± 0.20
0.60 ± 0.10
0.40 ± 0.20
0.40 ± 0.20
mm
0.079 ± 0.008
0.295 ± 0.012
0.024 ± 0.004
0.016 ± 0.008
0.016 ± 0.008
inches
2.00 ± 0.20
7.50 ± 0.30
0.60 ± 0.10
0.40 ± 0.20
0.40 ± 0.20
mm
0.197 ± 0.008
0.100 ± 0.008
0.020 ± 0.006
0.068 ± 0.006
0.067 ± 0.006
inches
5.00 ± 0.20
2.54 ± 0.20
0.50 ± 0.15
1.72 ± 0.15
1.70 ± 0.15
mm
0.197 ± 0.008
0.096 ± 0.006
0.024 ± 0.006
0.024 ± 0.012
0.020 ± 0.010
inches
5.00 ± 0.20
2.45 ± 0.15
0.60 ± 0.15
0.60 ± 0.30
0.50 ± 0.25
mm
0.252 ± 0.008
0.126 ± 0.008
0.020 ± 0.006
0.075 ± 0.006
0.075 ± 0.006
inches
6.40 ± 0.20
3.20 ± 0.20
0.50 ± 0.15
1.90 ± 0.15
1.90 ± 0.15
mm
0.250 ± 0.008
0.124 ± 0.006
0.024 ± 0.004
0.024 ± 0.012
0.022 ± 0.010
inches
6.35 ± 0.20
3.15 ± 0.15
0.60 ± 0.10
0.60 ± 0.30
0.55 ± 0.25
mm
0.122 ± 0.006
0.248 ± 0.006
0.035 ± 0.006
0.024 ± 0.012
0.022 ± 0.010
inches
3.10 ± 0.15
6.30 ± 0.15
0.90 ± 0.15
0.60 ± 0.30
0.55 ± 0.25
mm
L
Body Length
W
Body Width
H
Body Height
a
Top Termination
b
CSR1225
CSR0805
CSR1206
CSRN0815
CSRN2010
CSR0830
CSR2010
CSR2512
Type / Code
CSRN2512
Unit
CSR0402
CSR1210
Bottom Termination
CSR0603
Mechanical Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com