Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9483F Datasheet(PDF) 7 Page - Rohm

Part # BD9483F
Description  White LED Driver for large LCD Panels (DCDC Converter type)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9483F Datasheet(HTML) 7 Page - Rohm

Back Button BD9483F Datasheet HTML 3Page - Rohm BD9483F Datasheet HTML 4Page - Rohm BD9483F Datasheet HTML 5Page - Rohm BD9483F Datasheet HTML 6Page - Rohm BD9483F Datasheet HTML 7Page - Rohm BD9483F Datasheet HTML 8Page - Rohm BD9483F Datasheet HTML 9Page - Rohm BD9483F Datasheet HTML 10Page - Rohm BD9483F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Datasheet
Datasheet
7/29
TSZ02201-0F1F0C100100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
28.Nov.2013 Rev.003
www.rohm.com
TSZ22111・15・001
BD9483F,FV
●1.5 Typical Performance Curves (Reference data)
Figure 7.
Circuit current
(operating mode)
0.001
0.01
0.1
1
10
100
10
100
1000
RT [kohm]
0
1
2
3
4
5
10
14
18
22
26
30
34
VCC [V]
VCC=24V
Ta=25°C
STB=5V
PWM1=PWM2=0V
Ta=25°C
0
20
40
60
80
100
120
140
160
0.51.5
2.53.5
FB [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
01
2
3
ADIM [V]
VCC=24V
Ta=25°C
-160
-140
-120
-100
-80
-60
-40
-20
0
0.51.5
2.53.5
FB [V]
VCC=24V
Ta=25°C
VCC=24V
Ta=25°C
Figure 8.
fCT v.s. RT
Figure 9.
FB sink current v.s. FB voltage
Figure 10.
FB source current v.s. FB voltage
Figure 11.
ISENSE feedback voltage v.s. ADIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com