Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4713 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # CD4713
Description  ZENER DIODE CHIPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CD4713 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  CD4713 Datasheet HTML 1Page - Compensated Deuices Incorporated CD4713 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
23 MILS
15 MILS
• ZENER DIODE CHIPS
• ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE
• ELECTRICALLY EQUIVALENT TO 1N4678 THRU 1N4717
• 0.5 WATT CAPABILITY WITH PROPER HEAT SINKING
• 50
µA, LOW OPERATING CURRENT, ZENER DIODES
• COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES,
WITH THE EXCEPTION OF SOLDER REFLOW
CD4678
thru
CD4717
DESIGN DATA
METALLIZATION:
Top: (Anode).....................Al
Back: (Cathode)................Au
AL THICKNESS....... ......25,000
Å Min
GOLD THICKNESS..........4,000
Å Min
CHIP THICKNESS....................10 Mils
CIRCUIT LAYOUT DATA:
For Zener operation, cathode
must be operated positive with
respect to anode.
TOLERANCES: ALL
Dimensions + 2 mils
CDI
NOMINAL
ZENER
MAXIMUM
MAXIMUM REVERSE
MAXIMUM
TYPE
ZENER
TEST
VOLTAGE
LEAKAGE
DC ZENER
NUMBER
VOLTAGE
CURRENT
REGULATION
CURRENT
CURRENT
VZ
lZT
∆VZ
lR @ VR
lZM
(Note 1)
(Note 3)
(Note 2)
VOLTS
µ AVOLTS
µ A
VOLTS
mA
CD4678
1.8
50
0.70
7.5
1.0
120.0
CD4679
2.0
50
0.70
5.0
1.0
110.0
CD4680
2.2
50
0.75
4.0
1.0
100.0
CD4681
2.4
50
0.80
2.0
1.0
95.0
CD4682
2.7
50
0.80
1.0
1.0
90.0
CD4683
3.0
50
0.90
0.8
1.0
85.0
CD4684
3.3
50
0.95
7.5
1.5
80.0
CD4685
3.6
50
0.95
7.5
2.0
75.0
CD4686
3.9
50
0.97
5.0
2.0
70.0
CD4687
4.3
50
0.99
4.0
2.0
65.0
CD4688
4.7
50
0.99
10.0
3.0
60.0
CD4689
5.1
50
0.97
10.0
3.0
55.0
CD4690
5.6
50
0.96
10.0
4.0
50.0
CD4691
6.2
50
0.95
10.0
5.0
45.0
CD4692
6.8
50
0.90
10.0
5.1
35.0
CD4693
7.5
50
0.75
10.0
5.7
31.8
CD4694
8.2
50
0.50
1.0
6.2
29.0
CD4695
8.7
50
0.10
1.0
6.6
27.4
CD4696
9.1
50
0.08
1.0
6.9
26.2
CD4697
10.0
50
0.10
1.0
7.6
24.8
CD4698
11.0
50
0.11
0.05
8.4
21.6
CD4699
12.0
50
0.12
0.05
9.1
20.4
CD4700
13.0
50
0.13
0.05
9.8
19.0
CD4701
14.0
50
0.14
0.05
10.6
17.5
CD4702
15.0
50
0.15
0.05
11.4
16.3
CD4703
16.0
50
0.16
0.05
12.1
15.4
CD4704
17.0
50
0.17
0.05
12.9
14.5
CD4705
18.0
50
0.18
0.05
13.6
13.2
CD4706
19.0
50
0.19
0.05
14.4
12.5
CD4707
20.0
50
0.20
0.01
15.2
11.9
CD4708
22.0
50
0.22
0.01
16.7
10.8
CD4709
24.0
50
0.24
0.01
18.2
9.9
CD4710
25.0
50
0.25
0.01
19.0
9.5
CD4711
27.0
50
0.27
0.01
20.4
8.8
CD4712
28.0
50
0.28
0.01
21.2
8.5
CD4713
30.0
50
0.30
0.01
22.8
7.9
CD4714
33.0
50
0.33
0.01
25.0
7.2
CD4715
36.0
50
0.36
0.01
27.3
6.6
CD4716
39.0
50
0.39
0.01
29.8
6.1
CD4717
43.0
50
0.43
0.01
32.6
5.5
NOTE 1
The JEDEC type numbers shown above have a standard tolerance of
+ 5% oF the nominal Zener voltage. Vz is measured with the diode in
thermal equilibrium at 25°C + 3°C.
NOTE 2
VZ @ 100 µ A minus VZ @ 10µ A.
NOTE 3
Zener voltage is read using a pulse measurement, 10 milliseconds maximum.
MAXIMUM RATINGS
Operating Temperatures: -65°C to +175°C
Storage Temperatures: -65°C to +175°C
Forward Voltage @ 200 mA: 1.5 Volts maximum
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
BACKSIDE IS CATHODE
FIGURE 1
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com


Similar Part No. - CD4713

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD471240 POWEREX-CD471240 Datasheet
106Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module 40 Amperes / Up to 1600 Volts
CD471260 POWEREX-CD471260 Datasheet
106Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module 60 Amperes / Up to 1600 Volts
CD471290 POWEREX-CD471290 Datasheet
103Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
CD471290A POWEREX-CD471290A Datasheet
106Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
CD471290B POWEREX-CD471290B Datasheet
120Kb / 4P
Dual SCR/Diode Isolated Module
More results

Similar Description - CD4713

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD4099 CDI-DIODE-CD4099 Datasheet
113Kb / 2P
ZENER DIODE CHIPS
CD4614 CDI-DIODE-CD4614 Datasheet
112Kb / 2P
ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
ZENER DIODE CHIPS
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
ZENER DIODE CHIPS
CD5518B CDI-DIODE-CD5518B Datasheet
114Kb / 2P
ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
ZENER DIODE CHIPS
logo
Weitron Technology
WT-Z105P-AU4 WEITRON-WT-Z105P-AU4 Datasheet
166Kb / 1P
Zener Diode Chips for ESD Protection
WT-Z106P-4-12 WEITRON-WT-Z106P-4-12 Datasheet
175Kb / 1P
Zener Diode Chips for ESD Protection
WT-Z106P-AU4-14 WEITRON-WT-Z106P-AU4-14 Datasheet
126Kb / 1P
Zener Diode Chips for ESD Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com