Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE16M0V53-R0 Datasheet(PDF) 15 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE16M0V53-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE16M0V53-R0 Datasheet(HTML) 15 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE16M0V53-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCE16M0V53-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCE16M0V53-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CSTCE16M0V53-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. CSTCE16M0V53-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. CSTCE16M0V53-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. CSTCE16M0V53-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. CSTCE16M0V53-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. CSTCE16M0V53-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
13
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
3
3
Specifications of CERALOCK®
■
General Specifications CSTLS Series
Item
Part Number
Frequency
Range
(MHz)
CSTLS□G53/56
CSTLS□X
03.40—10.00
16.00—50.00
Initial Tolerance
of Oscillation
Frequency
±0.5%
±0.5%
Temperature Stability
of Oscillation
Frequency
(-20 to +80°C)
±0.2%*1
±0.2%
Oscillating
Frequency
Aging
±0.2%
±0.2%
Standard Circuit for
Oscillation Frequency
VDD
IC
IC
X
Rd
(3)
(2)
(1)
C1
C2
Output
IC : TC4069UBP*3
VDD : +5V
X : CERALOCK®
Rd : 680Ω*4
∗1 This value varies for built-in Capacitance
∗2 If connected conversely, a slight frequency lag may occur.
∗3 G56/X series : TC74HCU04(TOSHIBA)
∗4 This resistance value applies to the CSTLS□G56 series.
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com