Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE20M0V53-R0 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE20M0V53-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE20M0V53-R0 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE20M0V53-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCE20M0V53-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCE20M0V53-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCE20M0V53-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCE20M0V53-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCE20M0V53-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCE20M0V53-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCE20M0V53-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCE20M0V53-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
7
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
2
2
Principles of CERALOCK®
The table on this page shows a comparison of the
equivalent constants between CERALOCK® and a
quartz crystal oscillator.
In comparison, there is a large difference in capacitance
and Qm, which results in the difference of oscillating
conditions, when actually operated.
The table in the appendix shows the standard values of
an equivalent circuit constant for each type of
CERALOCK®. Furthermore, other higher harmonic
modes exist, other than the desired oscillation mode.
These other oscillation modes exist because the ceramic
resonator uses mechanical resonance.
Fig. 2-5 shows those characteristics.
Fig. 2-5 Spurious Characteristics of CERALOCK®
1M
100k
10k
1k
100
10
1
Frequency (MHz)
40
30
20
10
0
Main Vibration
3rd Vibration
CSTLS4M00G53–B0
■
Comparison of Equivalent Circuits of CERALOCK® and Crystal Oscillator
Resonator
Oscillation Frequency
L1 (μH)
C1 (pF)
C0 (pF)
R1 (Ω)
Qm
dF (kHz)
CERALOCK®
Crystal
2.00MHz
4.00MHz
8.00MHz
2.457MHz
4.00MHz
8.00MHz
1.71×103
0.46×103
0.13×103
7.20×105
2.10×105
1.80×105
4.0
3.8
3.5
0.005
0.007
0.002
20.8
19.8
19.9
2.39
2.39
4.48
43.9
9.0
8.0
37.0
22.1
154.7
475
1220
775
298869
240986
59600
177.2
350.9
641.6
3
6
2
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com