Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX253CPA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX253CPA
Description  MAX253 Transformer Driver for Isolated RS-485 Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX253CPA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX253CPA Datasheet HTML 1Page - Maxim Integrated Products MAX253CPA Datasheet HTML 2Page - Maxim Integrated Products MAX253CPA Datasheet HTML 3Page - Maxim Integrated Products MAX253CPA Datasheet HTML 4Page - Maxim Integrated Products MAX253CPA Datasheet HTML 5Page - Maxim Integrated Products MAX253CPA Datasheet HTML 6Page - Maxim Integrated Products MAX253CPA Datasheet HTML 7Page - Maxim Integrated Products MAX253CPA Datasheet HTML 8Page - Maxim Integrated Products MAX253CPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Transformer Driver for
Isolated RS-485 Interface
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 5V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Operating supply current is the current used by the MAX253 only, not including load current.
Note 2: Shutdown supply current includes output switch-leakage currents.
PARAMETER
MIN
TYP
MAX
UNITS
Shutdown Input Threshold
0.8
µA
2.4
V
Shutdown Supply Current (Note 2)
0.4
µA
Operating Supply Current (Note 1)
0.45
5.0
mA
Shutdown Input Leakage Current
10
pA
2.4
V
FS Input Threshold
0.8
50
µA
Switch On-Resistance
1.5
4.0
Ω
250
350
500
kHz
Switch Frequency
150
200
300
FS Input Leakage Current
10
pA
Start-Up Voltage
2.5
2.2
V
CONDITIONS
FS = VCC
Low
High
SD = VCC
No load, VSD = 0V, FS low
High
Low
VFS = 0V
D1, D2; 100mA
FS = VCC or open
VFS = 0V
Supply Voltage (VCC) ...............................................-0.3V to +7V
Control Input Voltages (SD, FS) .................-0.3V to (VCC + 0.3V)
Output Switch Voltage (D1, D2) .............................................12V
Peak Output Switch Current (D1, D2) ......................................1A
Average Output Switch Current (D1, D2) .........................200mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) .............727mW
SO (derate 5.88mW/°C above +70°C) ..........................471mW
µMAX (derate 4.10mW/°C above +70°C) .....................330mW
CERDIP (derate 8.00mW/°C above +70°C) ..................640mW
Operating Temperature Ranges
MAX253C_ _ ........................................................0°C to +70°C
MAX253E_ _ .....................................................-40°C to +85°C
MAX253MJA ...................................................-55°C to +125°C
Junction Temperatures
MAX253C_ _/E_ _..........................................................+150°C
MAX253MJA .................................................................+175°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
PDIP, SO, µMAX lead(Pb)-free .....................................+260°C
PDIP, SO, µMAX, CERDIP containing lead(Pb) ............+240°C
MAX253
2
Maxim Integrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com