Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX253CD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX253CD
Description  MAX253 Transformer Driver for Isolated RS-485 Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX253CD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX253CD Datasheet HTML 7Page - Maxim Integrated Products MAX253CD Datasheet HTML 8Page - Maxim Integrated Products MAX253CD Datasheet HTML 9Page - Maxim Integrated Products MAX253CD Datasheet HTML 10Page - Maxim Integrated Products MAX253CD Datasheet HTML 11Page - Maxim Integrated Products MAX253CD Datasheet HTML 12Page - Maxim Integrated Products MAX253CD Datasheet HTML 13Page - Maxim Integrated Products MAX253CD Datasheet HTML 14Page - Maxim Integrated Products MAX253CD Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Transformer Driver for
Isolated RS-485 Interface
C3
0.1µF
C1
0.1µF
C2
22µF
5V @ 200mA
ISO OUTPUT
5V
VIN
L2
25µH
MAX253
D1
D2
FS
GND1
GND2
VCC
1
8
6
27
3
FREQUENCY
SWITCH
SD
4
C7
2.2µF
FILTER
OUTPUT
OUTPUT
OPTIONAL 21kHz LOWPASS OUTPUT FILTER
TP1
1N5817
1CT:1.3CT*
1N5817
ON / OFF
*SEE TABLE 2
Figure 6. 5V to Isolated 5V Application Circuit
C3
0.1µF
C1
0.1µF
C2
22µF
5V @ 100mA
ISO OUTPUT
3.3V
VIN
L2
25µH
MAX253
D1
D2
FS
GND1
GND2
VCC
1
8
6
27
3
FREQUENCY
SWITCH
SD
4
C7
2.2µF
FILTER
OUTPUT
OUTPUT
OPTIONAL 21kHz LOWPASS OUTPUT FILTER
TP1
1N5817
1CT:2.1CT*
1N5817
ON / OFF
1N5817
1N5817
C4
0.1µF
*SEE TABLE 2
Figure 7. 3.3V to Isolated 5V Application Circuit
MAX253
Maxim Integrated
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com