Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX822TUS Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX822TUS
Description  4-Pin uP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX822TUS Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX822TUS Datasheet HTML 1Page - Maxim Integrated Products MAX822TUS Datasheet HTML 2Page - Maxim Integrated Products MAX822TUS Datasheet HTML 3Page - Maxim Integrated Products MAX822TUS Datasheet HTML 4Page - Maxim Integrated Products MAX822TUS Datasheet HTML 5Page - Maxim Integrated Products MAX822TUS Datasheet HTML 6Page - Maxim Integrated Products MAX822TUS Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-Pin µP Voltage Monitors with Pin-Selectable
Power-On Reset Timeout Delay
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = full range, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ......................................................................-0.3V to 6.0V
All Other Inputs.......................................-0.3V to (VCC + 0.3V)
Input Current, VCC, SRT......................................................20mA
Output Current, RESET or RESET .......................................20mA
Continuous Power Dissipation (TA = +70°C)
SOT143-4 (derate 4mW/°C above +70°C)...................320mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
SRT = unconnected
V
0.5VCC
VOPEN
SRT Input Threshold
0.9VCC
VIH
0.07VCC
VIL
ms
100
160
200
tRP
Reset Active Timeout Period
20
32
40
2.5
7.0
V
1.2
5.5
1.0
5.5
VCC Range
0.5
0.8
1
µs
50
VCC to Reset Delay (Note 1)
ppm/°C
30
Reset Threshold Tempco
V
2.55
2.70
VTH
Reset Threshold (Note 1)
12
1.8
5.5
µA
9
ICC
Supply Current
2.59
2.63
2.66
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = -40°C to +85°C
TA = 0°C to +70°C
VCC falling at 1mV/µs
RESET = low for MAX821,
RESET = high for MAX822
MAX82_R
MAX82_L/M/P,
VCC = 5.5V, IOUT = 0
MAX82_R/S/T/U,
VCC = 5.5V, IOUT = 0
CONDITIONS
4.56
4.63
4.70
4.50
4.75
4.31
4.38
4.45
4.25
4.50
MAX82_L
MAX82_M
3.97
4.00
4.04
3.91
4.09
2.89
2.93
2.96
3.04
3.08
3.11
2.85
3.00
3.00
3.15
MAX82_P
2.74
2.78
2.81
2.70
2.85
MAX82_S
MAX82_U
µA
-1
1
SRT Input Current (Note 2)
100
-100
RESET = low for MAX821,
RESET = high for MAX822
SRT = GND
SRT = VCC
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
MAX82_T
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
SRT = GND
SRT = unconnected
SRT = VCC
TA = -40°C to +125°C
TA = -40°C to +125°C
TA = -40°C to +125°C
TA = -40°C to +125°C
TA = -40°C to +125°C
TA = -40°C to +125°C
TA = -40°C to +125°C
TA = TMIN to TMAX
TA = TMIN to TMAX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com