Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD24W Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LD24W
Description  LD24-xx-xxW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LD24W Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LD24W Datasheet HTML 1Page - MicroPower Direct, LLC LD24W Datasheet HTML 2Page - MicroPower Direct, LLC LD24W Datasheet HTML 3Page - MicroPower Direct, LLC LD24W Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
7.0
24
30.0
VDC
Max Input Voltage
0.5 Sec. Max
40.0
VDC
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Range
VIN = 30V
2
28
VDC
Output Current
See Model Selection Guide
Output Current Accuracy
See Model Selection Guide
Output Power
See Model Selection Guide
Efficiency
See Model Selection Guide
Capacitive Load
47
µF
Operating Frequency
55
320
kHz
Ripple & Noise (20 MHz)
See Model Selection Guide
Temperature Coefficient
±0.03
%/ºC
Thermal Impedance
Natural Convection
+50
º
C/W
Output Short Circuit
Regulated At Rated Output Current
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
º
C
Case
+105
Storage Temperature Range
-40
+125
º
C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Lead Temperature (Solder)
1.5 mm From Case For 10 Sec
260
ºC
Physical
Case Size
0.92 x 0.55 x 0.40 Inches (23.40 x 14.00 x 10.16 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.392 Oz (11.1g)
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Units
DC/DC On
Open or 0.3V < VADJ <1.25V
DC/DC Off
VADJ <0.15V
Remote Pin Drive Current
VADJ = 1.25V
1
mA
Quiescent Input Current (Shutdown Mode)
VIN = 30V
25
µA
PWM Dimming
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation Frequency
Recommended Maximum
1.0
kHz
Switch On Time
200
nS
Switch Off Time
200
nS
Analog Dimming
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
At VADJ Input (Pin 4)
0.3
1.25
VDC
Output Current Adjustment
25
100
%
Control Voltage Range Limits
On
0.20
0.30
VDC
Off
0.15
0.25
Drive Current
VADJ = 1.25V
1.0
mA
EMC Compliance
EMI/RFI
Radiated/Conducted
EN 55015 (CISPR22)
Electrostatic Discharge (ESD)
Class A
IEC/EN 61000-4-2, -6, -8
RF Field Susceptibility
Class A
IEC/EN 61000-4-3
Electrical Fast Transients/Bursts On Mains
Class A
IEC/EN 61000-4-4
EMS Immunity
EN61547
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
1.6
MHours
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
LD24-xx-xxW
Compact, Wired
Constant Current
DC/DC LED Drivers
Key Features:
• Constant Current Output
• Wide 7V to 30V Input Range
• Efficiency to 95%
• Miniature MiniDIP Case
• IP67 Rated
• Meets EN 60950
• 1.6 MHrs MTBF
• Digital & Analog Dimming!
Board Mount
Models
Available
IP67


Similar Part No. - LD24W

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LD24 MPD-LD24 Datasheet
632Kb / 4P
LD24
LD24-04-150 MPD-LD24-04-150 Datasheet
632Kb / 4P
Constant Current Output
LD24-04-150 MPD-LD24-04-150 Datasheet
632Kb / 4P
Compact, Wide Input Constant Current DC/DC LED Drivers
LD24-07-250 MPD-LD24-07-250 Datasheet
632Kb / 4P
Constant Current Output
LD24-07-250 MPD-LD24-07-250 Datasheet
632Kb / 4P
Compact, Wide Input Constant Current DC/DC LED Drivers
More results

Similar Description - LD24W

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-O3-M MRV-SFP-O3-M Datasheet
49Kb / 2P
OC-xx/STM-xx SFP Interfaces
logo
Winchester Electronics ...
20906 WINCHESTER-20906 Datasheet
165Kb / 1P
COMPSITE OUTLINE ASSY SREC xx PJ SREC xx PJ-859
logo
Tyco Electronics
2-1437653-5 MACOM-2-1437653-5 Datasheet
309Kb / 2P
6PCV-XX-006
logo
MicroPower Direct, LLC
LD24 MPD-LD24 Datasheet
632Kb / 4P
LD24
LD48W MPD-LD48W Datasheet
639Kb / 4P
LD48-xx-xxW
LDM12 MPD-LDM12 Datasheet
590Kb / 2P
LDM12-xx-xxx
SRS-05A MPD-SRS-05A Datasheet
589Kb / 4P
SRS05A-xx SERIES
logo
Adam Technologies, Inc.
MHF-XX-SGS ADAM-TECH-MHF-XX-SGS Datasheet
111Kb / 1P
XX POSITION HEADER
logo
JFW Industries, Inc.
50S-1360-XX JFW-50S-1360-XX Datasheet
31Kb / 2P
50S-1360-XX
logo
Samtec, Inc
EHF-1XX-01-X-D-XX-XX-XX SAMTEC-EHF-1XX-01-X-D-XX-XX-XX Datasheet
248Kb / 2P
Recommended PCB Layout For EHF-1XX-01-X-D-XX-XX-XX
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com