Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDF24E Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LDF24E
Description  LDF24E-XX-XXX SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LDF24E Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LDF24E Datasheet HTML 1Page - MicroPower Direct, LLC LDF24E Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Output current may be adjusted
by using a pulse width modu-
lated (PWM) signal. By varying
the signal duty cycle (as shown
at right) the output current is
adjusted up or down.
Output current may be calcu-
lated by using the formula:
IOUT =
(DT - 0.6)
x IRATED
T
Where IOUT
= Required output current
IRATED = Full rated output current for the unit
D
= Pulse width of the he control signal
T
= Cycle of the control signal
The TON of the driver signal must be greater than 0.7 mS. An audible noise may be generated
during the digital dimming process of the driver, since the control circuit frequency is within the
is within the range of human hearing (20 Hz - 20 kHz).
Specification Notes:
1. Exceeding 55V on the unit input could damage the unit.
2. No connection should be made between input ground and
the output.
3. These are step-down devices, the maximum output open
voltage is equal to the input voltage.
4. When not used, the PWM/Cont input (Pin 3) or should be left
open if not used.
5. Exceeding the specified maximum output power could cause
damage to the unit.
PWM Output Current Control
Analog dimming is accomplished
by using a simple resistor divider
network, as illustrated above.
The output current is varied by
changing the voltage level pres-
ent at Pin 10. The amount varia-
tion is shown in chart at right.
The maximum voltage level that
can be applied to Pin 10 is 15V.
Exceeding this may damage
the driver.
Analog and PWM control of the
driver should not be attempted
at the same time. The control
pin not being used should be
left open.
Mechanical Dimensions
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on
the top of the unit
Pin Connections
Pin
Function
Pin
Function
1
Gnd
9
+VOUT
7
PWM, On/Off
10
Analog Dimming
8-VOUT
16
+VIN
Typical Connection: Parallel Output
Model
Number
Input
Output
Dimming
Control
Efficiency
(%, Max)
Voltage (VDC)
Voltage
(VDC)
Current
(mA)
Nominal
Range
LDF24E-10-300
24
5.5 - 48.0
3.3 - 36.0
0.0 - 300
PWM/Analog
96
LDF24E-12-350
24
5.5 - 48.0
3.3 - 36.0
0.0 - 350
PWM/Analog
96
LDF24E-18-500
24
5.5 - 48.0
3.3 - 36.0
0.0 - 500
PWM/Analog
96
LDF24E-21-600
24
5.5 - 48.0
3.3 - 36.0
0.0 - 600
PWM/Analog
96
LDF24E-25-700
24
5.5 - 48.0
3.3 - 36.0
0.0 - 700
PWM/Analog
96
Model Selection Guide
Connection Notes:
1. A positive temperature coefficient PTC is connected to each parallel channel for protection.
Analog Output Current Control
Solder Layout
Analog Control vs Output



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com