Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDM24 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LDM24
Description  LDM24-xx-xxx
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LDM24 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LDM24 Datasheet HTML 1Page - MicroPower Direct, LLC LDM24 Datasheet HTML 2Page - MicroPower Direct, LLC LDM24 Datasheet HTML 3Page - MicroPower Direct, LLC LDM24 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
7.0
24
30.0
VDC
Maximum Input Voltage
0.5 Sec
40.0
VDC
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Range
VIN = 30V
2
28
VDC
Output Current
See Model Selection Guide
Output Current Accuracy
See Model Selection Guide
Output Power
See Model Selection Guide
Efficiency
See Model Selection Guide
Capacitive Load
47
µF
Operating Frequency
70
450
kHz
Ripple & Noise (20 MHz)
See Model Selection Guide
Temperature Coefficient
±0.05
%/ºC
Thermal Impedance
Natural Convection
+40
º
C/W
Output Short Circuit
Regulated At Rated Output Current
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+71
º
C
Case
+105
Storage Temperature Range
-40
+125
º
C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Lead Temperature (Solder)
1.5 mm From Case For 10 Sec
260
ºC
Physical
Case Size
0.80 x 0.40 x 0.27 Inches (20.32 x 10.16 x 6.88 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.092 Oz (2.6g)
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Units
DC/DC On
Open or 0.3V < VADJ <1.25V
DC/DC Off
VADJ <0.15V
Remote Pin Drive Current
VADJ = 1.25V
1
mA
Quiescent Input Current (Shutdown Mode)
VIN = 30V
25
µA
PWM Dimming
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation Frequency
Recommended Maximum
1.0
kHz
Switch On Time
200
nS
Switch Off Time
200
nS
Output Current Adjust Range
0
100
%
Analog Dimming
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
At VADJ Input (Pin 2)
0.0
1.25
VDC
Output Current Adjustment
25
100
%
Control Voltage Range Limits
On
0.30
1.25
VDC
Off
0.0
0.15
Drive Current
VADJ = 1.25V
1.0
mA
EMC Compliance
EMI/RFI
Radiated/Conducted
EN 55015 (CISPR22)
Electrostatic Discharge (ESD)
Class A
IEC/EN 61000-4-2, -6, -8
RF Field Susceptibility
Class A
IEC/EN 61000-4-3
Electrical Fast Transients/Bursts On Mains
Class A
IEC/EN 61000-4-4
EMS Immunity
EN61547
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
1.6
MHours
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
LDM24-xx-xxx
Miniature, Wide Input
Constant Current
DC/DC LED Drivers
Key Features:
• Constant Current Output
• Wide 7V to 30V Input Range
• 95% Efficiency
• Miniature MiniDIP Case
• 500 mA to 700 mA Output
• Meets EN 60950
• 1.6 MHrs MTBF
• Digital & Analog Dimming!


Similar Part No. - LDM24

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
Constant Current Output
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
Miniature, Wide Input Constant Current DC/DC LED Drivers
LDM24-17-600 MPD-LDM24-17-600 Datasheet
607Kb / 4P
Constant Current Output
LDM24-17-600 MPD-LDM24-17-600 Datasheet
607Kb / 4P
Miniature, Wide Input Constant Current DC/DC LED Drivers
LDM24-20-700 MPD-LDM24-20-700 Datasheet
607Kb / 4P
Constant Current Output
More results

Similar Description - LDM24

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
CL200-XXX-120D LEDTRONICS-CL200-XXX-120D Datasheet
56Kb / 1P
CL200-XXX-120D
logo
Visual Communications C...
CNX310056E4108 VCC-CNX310056E4108 Datasheet
77Kb / 1P
CNX 310 XXX CABLE ASSEMBLY
logo
MicroPower Direct, LLC
LDB24 MPD-LDB24 Datasheet
325Kb / 2P
LDB24-XXX
LDF24E MPD-LDF24E Datasheet
341Kb / 2P
LDF24E-XX-XXX SERIES
LDM12 MPD-LDM12 Datasheet
590Kb / 2P
LDM12-xx-xxx
logo
Marl International Limi...
LMC MARL-LMC Datasheet
160Kb / 1P
LMC XXX CTP
LMC MARL-LMC_15 Datasheet
160Kb / 1P
LMC XXX CTP
logo
Samtec, Inc
BTH-030-01-L-D-A SAMTEC-BTH-030-01-L-D-A Datasheet
127Kb / 2P
RECOMMENDED PCB LAYOUT FOR BTH-XXX-XX-X-D-XX
logo
JFW Industries, Inc.
50FHXC-XXX-50 JFW-50FHXC-XXX-50 Datasheet
27Kb / 1P
50FHXC-XXX-50
logo
Samtec, Inc
FTSH-1XX-XX-XXX-DH-XX SAMTEC-FTSH-1XX-XX-XXX-DH-XX Datasheet
85Kb / 2P
RECOMMENDED PCB LAYOUT FOR FTSH-1XX-XX-XXX-DH-XX
REVISION G
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com