Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5370B Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # CD5370B
Description  ZENER DIODE CHIPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CD5370B Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  CD5370B Datasheet HTML 1Page - Compensated Deuices Incorporated CD5370B Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESIGN DATA
METALLIZATION:
Top: (Anode)....................Al
Back: (Cathode).......... ...Au
AL THICKNESS....... ....25,000
Å Min
GOLD THICKNESS........4,000
Å Min
CHIP THICKNESS............. .....10 Mils
CIRCUIT LAYOUT DATA:
For Zener operation, cathode
must be operated positive with
respect to anode.
TOLERANCES: ALL
Dimensions + 2 mils
• ZENER DIODE CHIPS
• ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE
• ELECTRICALLY EQUIVALENT TO 1N5333B THRU 1N5379B
• 5 WATT CAPABILITY WITH PROPER HEAT SINKING
• COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES,
WITH THE EXCEPTION OF SOLDER REFLOW
CD5333B
thru
CD5379B
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified
NOMINAL
MAXIMUM
MAXIMUM
ZENER
ZENER
ZENER KNEE
TYPE
VOLTAGE
TEST
IMPEDANCE
MAXIMUM REVERSE
IMPEDANCE
NUMBER
VZ
CURRENT
ZZT
CURRENT
ZZK @ 1.0 mA
(Note 1)
lZT
(Note 2)
lR @ VR
(Note 2)
V
mA
OHMS
µ A
VOLTS
OHMS
CD5333B
3.3
380
3.0
300
1.0
400
CD5334B
3.6
350
2.5
150
1.0
500
CD5335B
3.9
320
2.0
50
1.0
500
CD5336B
4.3
290
2.0
10
1.0
500
CD5337B
4.7
260
2.0
5.0
1.0
450
CD5338B
5.1
240
1.5
1.0
1.0
400
CD5339B
5.6
220
1.0
1.0
2.0
400
CD5340B
6.0
200
1.0
1.0
3.0
300
CD5341B
6.2
200
1.0
1.0
3.0
200
CD5342B
6.8
175
1.0
10
5.2
200
CD5343B
7.5
175
1.5
10
5.7
200
CD5344B
8.2
150
1.5
10
6.2
200
CD5345B
8.7
150
2.0
10
6.6
200
CD5346B
9.1
150
2.0
7.5
6.9
150
CD5347B
10
125
2.0
5.0
7.6
125
CD5348B
11
125
2.5
5.0
8.4
125
CD5349B
12
100
2.5
2.0
9.1
125
CD5350B
13
100
2.5
1.0
9.9
100
CD5351B
14
100
2.5
1.0
10.6
75
CD5352B
15
75
2.5
1.0
11.5
75
CD5353B
16
75
2.5
1.0
12.2
75
CD5354B
17
70
2.5
0.5
12.9
75
CD5355B
18
65
2.5
0.5
13.7
75
CD5356B
19
65
3.0
0.5
14.4
75
CD5357B
20
65
3.0
0.5
15.2
75
CD5358B
22
50
3.5
0.5
16.7
75
CD5359B
24
50
3.5
0.5
18.2
100
CD5360B
25
50
4.0
0.5
19
110
CD5361B
27
50
5.0
0.5
20.6
120
CD5362B
28
50
6.0
0.5
21.2
130
CD5363B
30
40
8.0
0.5
22.8
140
CD5364B
33
40
10
0.5
25.1
150
CD5365B
36
30
11
0.5
27.4
160
CD5366B
39
30
14
0.5
29.7
170
CD5367B
43
30
20
0.5
32.7
190
CD5368B
47
25
25
0.5
35.8
210
CD5369B
51
25
27
0.5
38.8
230
CD5370B
56
20
35
0.5
42.6
280
CD5371B
60
20
40
0.5
45.5
350
CD5372B
62
20
42
0.5
47.1
400
CD5373B
68
20
44
0L5
51.7
500
CD5374B
75
20
45
0.5
56
620
CD5375B
82
15
65
0.5
62.2
720
CD5376B
87
15
75
0.5
66
760
CD5377B
91
15
75
0.5
69.2
760
CD5378B
100
12
90
0.5
76
800
CD5379B
110
12
125
0.5
83.6
1000
64 MILS
58 MILS
BACKSIDE IS CATHODE
FIGURE 1
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com


Similar Part No. - CD5370B

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD5370B SS-CD5370B Datasheet
317Kb / 3P
5W Zener Diode
Rev 1.0 04/02/25
More results

Similar Description - CD5370B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD4099 CDI-DIODE-CD4099 Datasheet
113Kb / 2P
ZENER DIODE CHIPS
CD4614 CDI-DIODE-CD4614 Datasheet
112Kb / 2P
ZENER DIODE CHIPS
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
ZENER DIODE CHIPS
CD5518B CDI-DIODE-CD5518B Datasheet
114Kb / 2P
ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
ZENER DIODE CHIPS
logo
Weitron Technology
WT-Z105P-AU4 WEITRON-WT-Z105P-AU4 Datasheet
166Kb / 1P
Zener Diode Chips for ESD Protection
WT-Z106P-4-12 WEITRON-WT-Z106P-4-12 Datasheet
175Kb / 1P
Zener Diode Chips for ESD Protection
WT-Z106P-AU4-14 WEITRON-WT-Z106P-AU4-14 Datasheet
126Kb / 1P
Zener Diode Chips for ESD Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com