Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5371B Datasheet(PDF) 2 Page - Compensated Deuices Incorporated

Part # CD5371B
Description  ZENER DIODE CHIPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CD5371B Datasheet(HTML) 2 Page - Compensated Deuices Incorporated

  CD5371B Datasheet HTML 1Page - Compensated Deuices Incorporated CD5371B Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CD5333B thru CD5379B
MAXIMUM RATINGS
Operating Temperature: -65°C to +200°C
Storage Temperature: -65°C to +200°C
Forward Voltage @ 1.0Amp = 1.5 Volts maximum
1
2
5
10
20
50
100
200
500
1000
OPERATING CURRENT lZT (mA)
FIGURE 2
ZENER IMPEDANCE VS. OPERATING CURRENT
100
50
20
10
5
2
1
.5
.2
1
2
5
10
20
50
100
200
500
1000
OPERATING CURRENT lZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
1000
500
400
300
200
100
50
40
30
20
10
5
4
3
2
NOTE 1 Zener voltage range equals nominal voltage + 5% for “B” Suffix. “A” Suffix denotes + 10%. No Suffix denotes + 20%.
"C" suffix = + 2% and "D" suffix = + 1%.
NOTE 2 Zener impedance is derived by superimposing on lZT and lZK, A 60 Hz rms a.c. current equal to 10% of lZT and lZK.
NOTE 3 Zener voltage is read using a pulse measurement, 10 milliseconds maximum.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com