Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL753A Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # CDLL753A
Description  LEADLESS PACKAGE FOR SURFACE MOUNT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CDLL753A Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  CDLL753A Datasheet HTML 1Page - Compensated Deuices Incorporated CDLL753A Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500 mW @ TEC = +125°C
Power Derating: 10 mW / °C above TEC = +125°C
Forward Voltage @ 200mA: 1.1 volts maximum
• 1N746AUR-1 THRU 1N759AUR-1 AVAILABLE IN
JAN, JANTX AND JANTXV
PER MIL-PRF-19500/127
• 1N4370AUR-1 THRU 1N4372AUR-1 AVAILABLE IN
JAN, JANTX AND JANTXV
PER MIL-PRF-19500/127
• LEADLESS PACKAGE FOR SURFACE MOUNT
• METALLURGICALLY BONDED
ELECTRICAL CHARACTERISTICS @ 25°C
CDI
NOMINAL
ZENER
MAXIMUM
MAXIMUM
MAXIMUM
TYPE
ZENER
TEST
ZENER
REVERSE CURRENT
ZENER
NUMBER
VOLTAGE
CURRENT
IMPEDANCE
CURRENT
(NOTE 3)
(NOTE 1)
VZ @ 1ZT
1ZT
ZZT @ 1ZT
IR @ VR
1ZM
(NOTE 2)
VOLTS
mA
OHMS
µ A
VOLTS
mA
CDLL4370A
2.4
20
30
100
1.0
155
CDLL4371A
2.7
20
30
60
1.0
140
CDLL4372A
3.0
20
29
30
1.0
125
CDLL746A
3.3
20
28
5
1.0
120
CDLL747A
3.6
20
24
3
1.0
110
CDLL748A
3.9
20
23
2
1.0
100
CDLL749A
4.3
20
22
2
1.0
90
CDLL750A
4.7
20
19
5
1.5
85
CDLL751A
5.1
20
17
5
2.0
75
CDLL752A
5.6
20
11
5
2.5
70
CDLL753A
6.2
20
7
5
3.5
65
CDLL754A
6.8
20
5
2
4.0
60
CDLL755A
7.5
20
6
2
5.0
55
CDLL756A
8.2
20
8
1
6.0
50
CDLL757A
9.1
20
10
1
7.0
45
CDLL758A
10.0
20
17
1
8.0
40
CDLL759A
12.0
20
30
1
9.0
35
NOTE 1
Zener voltage tolerance on "A" suffix is +5%. No Suffix denotes + 10% tolerance.
"C" suffix denotes + 2% tolerance and "D" suffix denotes + 1% tolerance.
NOTE 2
Zener voltage is measured with the device junction in thermal equilibrium at an ambient
temperature of 25°C, +3°C.
NOTE 3
Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal
to 10% of 1ZT.
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed
glass case. (MELF, SOD-80, LL34)
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
100 ˚C/W maximum at L = 0 inch
THERMAL IMPEDANCE: (ZOJX): 25
˚C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: Any.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
1.60
1.70
0.063 0.067
F
0.41
0.55
0.016 0.022
G
3.30
3.70
.130
.146
G1
2.54 REF.
.100 REF.
S
0.03 MIN.
.001 MIN.
1N746AUR-1 thru 1N759AUR-1
and
1N4370AUR-1 thru 1N4372AUR-1
and
CDLL746 thru CDLL759A
and
CDLL4370 thru CDLL4372A


Similar Part No. - CDLL753A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CDLL0.2A20 MICROSEMI-CDLL0.2A20 Datasheet
51Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
CDLL0.2A30 MICROSEMI-CDLL0.2A30 Datasheet
51Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
CDLL0.2A40 MICROSEMI-CDLL0.2A40 Datasheet
51Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
CDLL0.5A20 MICROSEMI-CDLL0.5A20 Datasheet
51Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
CDLL0.5A20 MICROSEMI-CDLL0.5A20 Datasheet
417Kb / 6P
200 and 500 mA Schottky Barrier Rectifier
More results

Similar Description - CDLL753A

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL3821 CDI-DIODE-CDLL3821 Datasheet
22Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4099 CDI-DIODE-CDLL4099 Datasheet
96Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4614 CDI-DIODE-CDLL4614 Datasheet
109Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Microsemi Corporation
1N4614UR-1 MICROSEMI-1N4614UR-1 Datasheet
122Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL5518 MICROSEMI-CDLL5518 Datasheet
113Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
1N746AUR-1 MICROSEMI-1N746AUR-1 Datasheet
44Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
logo
CTS Corporation
753 CTS-753 Datasheet
234Kb / 6P
Leadless Surface Mount
logo
Microsemi Corporation
1N5711UB MICROSEMI-1N5711UB Datasheet
55Kb / 2P
SCHOTTKY BARRIER DIODES LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Vishay Siliconix
DS30506 VISHAY-DS30506 Datasheet
87Kb / 5P
Ultra-Small Leadless Surface Mount Package
logo
Microsemi Corporation
BZV55C7V5 MICROSEMI-BZV55C7V5 Datasheet
24Kb / 1P
LEADLESS PACKAGE FOR SURFACE MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com