Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL4908 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # CDLL4908
Description  TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CDLL4908 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  CDLL4908 Datasheet HTML 1Page - Compensated Deuices Incorporated CDLL4908 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
• TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
• LEADLESS PACKAGE FOR SURFACE MOUNT
• 12.8 VOLT NOMINAL ZENER VOLTAGE + 5%
• LOW NOISE
• METALLURGICALLY BONDED
• DOUBLE PLUG CONSTRUCTION
CDLL4896
thru
CDLL4915A
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ +50°C
Power Derating: 4 mW / °C above +50°C
REVERSE LEAKAGE CURRENT
lR = 15
µ A @ 25°C & V
R = 8Vdc
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
CDI
VOLTAGE
EFFECTIVE
MAXIMUM
MAXIMUM
TYPE
TEST
TEMPERATURE
TEMPERATURE
TEMPERATURE
DYNAMIC
NOISE
NUMBER
CURRENT
STABILITY
RANGE
COEFFICIENT
IMPEDANCE
DENSITY
l ZT
∆VZT
ZZT
ND
(Note 3)
(Note 2)
(Note 1)
mA
mV
°C
%/°C
OHMS
µ V/ Hz
CDLL4896
0.5
96
+25 to +100
0.01
400
0.8
CDLL4896A
0.5
198
-55 to +100
0.01
400
0.8
CDLL4897
0.5
48
+25 to +100
0.005
400
0.8
CDLL4897A
0.5
99
-55 to +100
0.005
400
0.8
CDLL4898
0.5
19
+25 to +100
0.002
400
0.8
CDLL4898A
0.5
40
-55 to +100
0.002
400
0.8
CDLL4899
0.5
10
+25 to +100
0.001
400
0.8
CDLL4899A
0.5
20
-55 to +100
0.001
400
0.8
CDLL4900
1.0
96
+25 to +100
0.01
200
0.4
CDLL4900A
1.0
198
-55 to +100
0.01
200
0.4
CDLL4901
1.0
48
+25 to +100
0.005
200
0.4
CDLL4901A
1.0
99
-55 to +100
0.005
200
0.4
CDLL4902
1.0
19
+25 to +100
0.002
200
0.4
CDLL4902A
1.0
40
-55 to +100
0.002
200
0.4
CDLL4903
1.0
10
+25 to +100
0.001
200
0.4
CDLL4903A
1.0
20
-55 to +100
0.001
200
0.4
CDLL4904
2.0
96
+25 to +100
0.01
100
0.25
CDLL4904A
2.0
198
-55 to +100
0.01
100
0.25
CDLL4905
2.0
48
+25 to +100
0.005
100
0.25
CDLL4905A
2.0
99
-55 to +100
0.005
100
0.25
CDLL4906
2.0
19
+25 to +100
0.002
100
0.25
CDLL4906A
2.0
40
-55 to +100
0.002
100
0.25
CDLL4907
2.0
10
+25 to +100
0.001
100
0.25
CDLL4907A
2.0
20
-55 to +100
0.001
100
0.25
CDLL4908
4.0
96
+25 to +100
0.01
50
0.22
CDLL4908A
4.0
198
-55 to +100
0.01
50
0.22
CDLL4909
4.0
48
+25 to +100
0.005
50
0.22
CDLL4909A
4.0
99
-55 to +100
0.005
50
0.22
CDLL4910
4.0
19
+25 to +100
0.002
50
0.22
CDLL4910A
4.0
40
-55 to +100
0.002
50
0.22
CDLL4911
4.0
10
+25 to +100
0.001
50
0.22
CDLL4911A
4.0
20
-55 to +100
0.001
50
0.22
CDLL4912
7.5
96
+25 to +100
0.01
25
0.20
CDLL4912A
7.5
198
-55 to +100
0.01
25
0.20
CDLL4913
7.5
48
+25 to +100
0.005
25
0.20
CDLL4913A
7.5
99
-55 to +100
0.005
25
0.20
CDLL4914
7.5
19
+25 to +100
0.002
25
0.20
CDLL4914A
7.5
40
-55 to +100
0.002
25
0.20
CDLL4915
7.5
10
+25 to +100
0.001
25
0.20
CDLL4915A
7.5
20
-55 to +100
0.001
25
0.20
NOTE 1
Zener impedance is derived by superimposing on lZT A 60Hz rms a.c. current equal
to 10% of lZT.
NOTE 2
The maximum allowable change observed over the entire temperature range, per
JEDEC standard No.5.
NOTE 3
Zener voltage range equals 12.8 volts + 5%.
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
1.60
1.70
0.063 0.067
F
0.41
0.55
0.016 0.022
G
3.30
3.70
.130
.146
G1
2.54 REF.
.100 REF.
S
0.03 MIN.
.001 MIN.
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed
glass case. (MELF, SOD-80, LL34)
LEAD FINISH: Tin / Lead
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: Any.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.


Similar Part No. - CDLL4908

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL4916A CDI-DIODE-CDLL4916A Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL4917 CDI-DIODE-CDLL4917 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL4917A CDI-DIODE-CDLL4917A Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL4918 CDI-DIODE-CDLL4918 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

Similar Description - CDLL4908

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N935BUR-1 CDI-DIODE-1N935BUR-1 Datasheet
51Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
JAN1N821-1 MICROSEMI-JAN1N821-1 Datasheet
364Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4565 MICROSEMI-1N4565 Datasheet
257Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154UR-1 MICROSEMI-1N3154UR-1 Datasheet
108Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N941 MICROSEMI-1N941_03 Datasheet
127Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583A AMMSEMI-1N4583A Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com