Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNFK2AC120 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # DNFK2AC120
Description  Guard Material/Finish - Crome Plated Steel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

DNFK2AC120 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  DNFK2AC120 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FAN GUARD TOP VIEW (4X)
FAN GUARD SIDE VIEW
FAN TOP VIEW (2X)
FAN SIDE VIEW
EXPLODED ASSEMBLY VIEW
Ha rdw a re
DNFK2AC120
16 Screws - #10-32 x 1/2" Panhead
Guard Material/Finish - Crome Plated Steel
Fan Rating - 115 VAC, 50/60 Hz, 0.38 Amps, 200 CFM
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
DNFK2AC120
113.65 mm
[4.474 in]
112.51 mm
[4.430 in]
n114.40 mm
[4.504 in]
5.00 mm
[0.197 in]
119.00 mm
[4.685 in]
119.00 mm
[4.685 in]
104.78 mm
[4.125 in]
104.78 mm
[4.125 in]
34.99 mm
[1.378 in]
NEMA 1-15P DAISY
CHAIN (2 FAN) CORD
(1X)


Similar Part No. - DNFK2AC120

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DNFK2AC120 HAMMOND-DNFK2AC120 Datasheet
55Kb / 1P
ENSEMBLES DE FRILLES DE VENTILATION
More results

Similar Description - DNFK2AC120

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1427B HAMMOND-1427B Datasheet
96Kb / 1P
HANDLE MATERIAL-CR STEEL, FINISH-BRIGHT CROME PLATED
1427E HAMMOND-1427E Datasheet
90Kb / 1P
Handle Material - CR Steel, Finish - Bright Chrome Plated
1427G HAMMOND-1427G Datasheet
85Kb / 1P
Handle Material - CR Steel, Finish - Bright Crome Plated
1427L HAMMOND-1427L Datasheet
88Kb / 1P
Handle Material - CR Steel, Finish - Bright Chrome Plated
1427T HAMMOND-1427T Datasheet
84Kb / 1P
Handle Material - CR Steel, Finish - Bright Crome Plated
1427W HAMMOND-1427W Datasheet
84Kb / 1P
Handle Material - CR Steel, Finish - Bright Crome Plated
DNFK1AC120 HAMMOND-DNFK1AC120 Datasheet
492Kb / 1P
Guard Material/Finish - Crome Plated Steel
logo
Molex Electronics Ltd.
130112-0092 MOLEX11-130112-0092 Datasheet
31Kb / 1P
100W Guard Open-End without Reflector, Steel, Zinc Plated
130112-0119 MOLEX11-130112-0119 Datasheet
31Kb / 1P
100W Guard Quick-Open Vaprotex, Steel, Zinc Plated
1301120079 MOLEX11-1301120079 Datasheet
43Kb / 1P
100W Guard without Reflector, Steel, Zinc Plated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com