Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL4713 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # CDLL4713
Description  50 uA, LOW OPERATING CURRENT, ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CDLL4713 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  CDLL4713 Datasheet HTML 1Page - Compensated Deuices Incorporated CDLL4713 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
CDI
NOMINAL
ZENER
MAXIMUM
MAXIMUM REVERSE
MAXIMUM
TYPE
ZENER
TEST
VOLTAGE
LEAKAGE
DC ZENER
NUMBER
VOLTAGE
CURRENT
REGULATION
CURRENT
CURRENT
VZ
lZT
∆VZ
lR @ VR
lZM
(Note 1)
(Note 2)
VOLTS
µ A
VOLTS
µ A
VOLTS
mA
CDLL4678
1.8
50
0.70
7.5
1.0
120.0
CDLL4679
2.0
50
0.70
5.0
1.0
110.0
CDLL4680
2.2
50
0.75
4.0
1.0
100.0
CDLL4681
2.4
50
0.80
2.0
1.0
95.0
CDLL4682
2.7
50
0.80
1.0
1.0
90.0
CDLL4683
3.0
50
0.90
0.8
1.0
85.0
CDLL4684
3.3
50
0.95
7.5
1.5
80.0
CDLL4685
3.6
50
0.95
7.5
2.0
75.0
CDLL4686
3.9
50
0.97
5.0
2.0
70.0
CDLL4687
4.3
50
0.99
4.0
2.0
65.0
CDLL4688
4.7
50
0.99
10.0
3.0
60.0
CDLL4689
5.1
50
0.97
10.0
3.0
55.0
CDLL4690
5.6
50
0.96
10.0
4.0
50.0
CDLL4691
6.2
50
0.95
10.0
5.0
45.0
CDLL4692
6.8
50
0.90
10.0
5.1
35.0
CDLL4693
7.5
50
0.75
10.0
5.7
31.8
CDLL4694
8.2
50
0.50
1.0
6.2
29.0
CDLL4695
8.7
50
0.10
1.0
6.6
27.4
CDLL4696
9.1
50
0.08
1.0
6.9
26.2
CDLL4697
10.0
50
0.10
1.0
7.6
24.8
CDLL4698
11.0
50
0.11
0.05
8.4
21.6
CDLL4699
12.0
50
0.12
0.05
9.1
20.4
CDLL4700
13.0
50
0.13
0.05
9.8
19.0
CDLL4701
14.0
50
0.14
0.05
10.6
17.5
CDLL4702
15.0
50
0.15
0.05
11.4
16.3
CDLL4703
16.0
50
0.16
0.05
12.1
15.4
CDLL4704
17.0
50
0.17
0.05
12.9
14.5
CDLL4705
18.0
50
0.18
0.05
13.6
13.2
CDLL4706
19.0
50
0.19
0.05
14.4
12.5
CDLL4707
20.0
50
0.20
0.01
15.2
11.9
CDLL4708
22.0
50
0.22
0.01
16.7
10.8
CDLL4709
24.0
50
0.24
0.01
18.2
9.9
CDLL4710
25.0
50
0.25
0.01
19.0
9.5
CDLL4711
27.0
50
0.27
0.01
20.4
8.8
CDLL4712
28.0
50
0.28
0.01
21.2
8.5
CDLL4713
30.0
50
0.30
0.01
22.8
7.9
CDLL4714
33.0
50
0.33
0.01
25.0
7.2
CDLL4715
36.0
50
0.36
0.01
27.3
6.6
CDLL4716
39.0
50
0.39
0.01
29.8
6.1
CDLL4717
43.0
50
0.43
0.01
32.6
5.5
NOTE 1 All types are + 5% tolerance. VZ is measured with the Diode in thermal equilibrium
at 25°C + 3°C.
NOTE 2 VZ @ 100
µA minus VZ @ 10µA.
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
1.60
1.70
0.063 0.067
F
0.41
0.55
0.016 0.022
G
3.30
3.70
.130
.146
G1
2.54 REF.
.100 REF.
S
0.03 MIN.
.001 MIN.
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed
glass case. (MELF, SOD-80, LL34)
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
100 ˚C/W maximum at L = 0 inch
THERMAL IMPEDANCE: (ZOJX): 35
˚C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.
• 50
µA, LOW OPERATING CURRENT, ZENER DIODES
• LEADLESS PACKAGE FOR SURFACE MOUNT
• DOUBLE PLUG CONSTRUCTION
• METALLURGICALLY BONDED
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature:
-65°C to +175°C
Power Dissipation:
500mW @ TEC +125°C
DC Power Derating: 10 mW / °C above TEC +125°C
Forward Voltage : 1.1 Volts maximum @ 200 mA
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
CDLL4678
thru
CDLL4717


Similar Part No. - CDLL4713

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
1 WATT ZENER DIODES
CDLL4728A CDI-DIODE-CDLL4728A Datasheet
112Kb / 2P
1 WATT ZENER DIODES
CDLL4729A CDI-DIODE-CDLL4729A Datasheet
112Kb / 2P
1 WATT ZENER DIODES
CDLL4730A CDI-DIODE-CDLL4730A Datasheet
112Kb / 2P
1 WATT ZENER DIODES
CDLL4731A CDI-DIODE-CDLL4731A Datasheet
112Kb / 2P
1 WATT ZENER DIODES
More results

Similar Description - CDLL4713

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4099 CDI-DIODE-1N4099 Datasheet
98Kb / 2P
LOW CURRENT OPERATION AT 250 uA
1N4614 CDI-DIODE-1N4614 Datasheet
112Kb / 2P
LOW CURRENT OPERATION AT 250 uA
1N4678 CDI-DIODE-1N4678 Datasheet
116Kb / 2P
50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
Knox Semiconductor, Inc
1N4678 KNOX-1N4678 Datasheet
36Kb / 1P
LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
50 Watt Zener Diodes
logo
Microsemi Corporation
1N2804B MICROSEMI-1N2804B_10 Datasheet
201Kb / 6P
50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N2804 NJSEMI-1N2804 Datasheet
227Kb / 2P
50 WATTS ZENER DIODES
1N4678 NJSEMI-1N4678 Datasheet
145Kb / 1P
50 uA, LOW OPERATING CURRENT, ZENER DIODE
logo
Microsemi Corporation
1N4553A MICROSEMI-1N4553A Datasheet
380Kb / 3P
50 WATT ZENER DIODES
logo
Guangdong Youtai Semico...
SN74LVC1G14 UMW-SN74LVC1G14_V01 Datasheet
1Mb / 14P
Low input current: 0.1 uA typical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com