Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCLHM080 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CCLHM080
Description  SURFACE MOUNT HIGH CURRENT CURRENT LIMITING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CCLHM080 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CCLHM080 Datasheet HTML 1Page - Central Semiconductor Corp CCLHM080 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES:
LOW COST
SUPERIOR LOT TO LOT CONSISTENCY
HIGH RELIABILITY
LEADED DEVICES AVAILABLE
SPECIAL SELECTIONS AVAILABLE
MAXIMUM RATINGS: (TL=75°C)
SYMBOL
UNITS
Peak Operating Voltage
POV
50
V
Power Dissipation
PD
800
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +200
°C
CCLHM080
THRU
CCLHM150
SURFACE MOUNT
HIGH CURRENT
CURRENT LIMITING DIODE
SOD-80
SOD-80 CASE
Central
Semiconductor Corp.
TM
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CCLHM080 series types are high current silicon field effect current
regulator diodes designed for applications requiring a constant current over a wide voltage range. These
devices are manufactured in the cost effective SOD-80 double plug case which provides many benefits
to the user including space saving and improved thermal characteristics. Special selections of IP
(regulator current) are available for critical applications.
TYPE NO.
REGULATOR(1)
DYNAMIC
KNEE
LIMITING
TEMPERATURE
CURRENT
IMPEDANCE
IMPEDANCE
VOLTAGE
COEFFICIENT
IP@VT=25V
ZT@VT=25V
ZK@VK=6.0V
VL@IL=0.8 IP MIN
TC*
mA
M
k
VOLTS
%/°C
MIN
NOM
MAX
MIN
MIN
MAX
CCLHM080
6.56
8.20
9.84
0.32
15
3.1
-0.25 TO -0.45
CCLHM100
8.00
10.0
12.0
0.17
6.0
3.5
-0.25 TO -0.45
CCLHM120
9.60
12.0
14.4
0.08
3.0
3.8
-0.25 TO -0.45
CCLHM150
12.0
15.0
18.0
0.03
2.0
4.3
-0.25 TO -0.45
*The Temperature Coefficient is measured between the following points: +25°C, +50°C
(1) PULSED METHOD.
PULSE WIDTH (ms)=
27.5
IPNOM (mA)
)
(
R3 ( 21-August 2001)


Similar Part No. - CCLHM080

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLHM080 CENTRAL-CCLHM080 Datasheet
307Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON CURRENT LIMITING DIODE
CCLHM080 CENTRAL-CCLHM080_10 Datasheet
307Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON CURRENT LIMITING DIODE
More results

Similar Description - CCLHM080

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLM0035 CENTRAL-CCLM0035 Datasheet
303Kb / 2P
CURRENT LIMITING DIODE
CCLH080 CENTRAL-CCLH080 Datasheet
78Kb / 2P
HIGH CURRENT CURRENT LIMITING DIODE
CMCL1300 CENTRAL-CMCL1300 Datasheet
75Kb / 1P
CURRENT LIMITING DIODE
CCL0035 CENTRAL-CCL0035 Datasheet
75Kb / 2P
CURRENT LIMITING DIODE
CCLHM080 CENTRAL-CCLHM080_10 Datasheet
307Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON CURRENT LIMITING DIODE
CCLM0035 CENTRAL-CCLM0035_10 Datasheet
308Kb / 2P
SURFACE MOUNT SILICON CURRENT LIMITING DIODE
CMJ0130 CENTRAL-CMJ0130 Datasheet
742Kb / 3P
SURFACE MOUNT SILICON CURRENT LIMITING DIODE
logo
Digitron Semiconductors
CCL0035 DIGITRON-CCL0035 Datasheet
73Kb / 1P
CURRENT LIMITING DIODE
logo
Micro Commercial Compon...
CLD20B MCC-CLD20B_16 Datasheet
321Kb / 4P
20mA Current Limiting Diode
CLD20 MCC-CLD20 Datasheet
233Kb / 4P
20mA Current Limiting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com