Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL5258B Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # CDLL5258B
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CDLL5258B Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  CDLL5258B Datasheet HTML 1Page - Compensated Deuices Incorporated CDLL5258B Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
1.60
1.70
0.063 0.067
F
0.41
0.55
0.016 0.022
G
3.30
3.70
.130
.146
G1
2.54 REF.
.100 REF.
S
0.03 MIN.
.001 MIN.
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed
glass case. (MELF, SOD-80, LL34)
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
100 ˚C/W maximum at L = 0 inch
THERMAL IMPEDANCE: (ZOJX): 35
˚C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.
• ZENER DIODES
•LEADLESS PACKAGE FOR SURFACE MOUNT
• DOUBLE PLUG CONSTRUCTION
• METALLURGICALLY BONDED
CDLL5221
thru
CDLL5272B
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified
NOMINAL
CDI
ZENER
MAXIMUM
MAXIMUM
TYPE
VOLTAGE
TEST
ZENER IMPEDANCE
REVERSE CURRENT
NUMBER
VZ @ lZT
CURRENT
(Note 2)
lR @ VR
(Note 1 & 3)
I ZT
ZZT @ lZT ZZK@lZK=0.25mA
VOLTS
mA
OHMS
OHMS
µ A
VOLTS
CDLL5221B
2.4
20
30
1200
100
1.0
CDLL5222B
2.5
20
30
1250
100
1.0
CDLL5223B
2.7
20
30
1300
75
1.0
CDLL5224B
2.8
20
30
1400
75
1.0
CDLL5225B
3.0
20
29
1600
50
1.0
CDLL5226B
3.3
20
28
1600
25
1.0
CDLL5227B
3.6
20
24
1700
15
1.0
CDLL5228B
3.9
20
23
1900
10
1.0
CDLL5229B
4.3
20
22
2000
5.0
1.0
CDLL5230B
4.7
20
19
1900
5.0
2.0
CDLL5231B
5.1
20
17
1600
5.0
2.0
CDLL5232B
5.6
20
11
1600
5.0
3.0
CDLL5233B
6.0
20
7.0
1600
5.0
3.5
CDLL5234B
6.2
20
7.0
1000
5.0
4.0
CDLL5235B
6.8
20
5.0
750
3.0
5.0
CDLL5236B
7.5
20
6.0
500
3.0
6.0
CDLL5237B
8.2
20
8.0
500
3.0
6.5
CDLL5238B
8.7
20
8.0
600
3.0
6.5
CDLL5239B
9.1
20
10
600
3.0
7.0
CDLL5240B
10
20
17
600
3.0
8.0
CDLL5241B
11
20
22
600
2.0
8.4
CDLL5242B
12
20
30
600
1.0
9.1
CDLL5243B
13
9.5
13
600
0.5
9.9
CDLL5244B
14
9.0
15
600
0.1
10
CDLL5245B
15
8.5
16
600
0.1
11
CDLL5246B
16
7.8
17
600
0.1
12
CDLL5247B
17
7.4
19
600
0.1
13
CDLL5248B
18
7.0
21
600
0.1
14
CDLL5249B
19
6.6
23
600
0.1
14
CDLL5250B
20
6.2
25
600
0.1
15
CDLL5251B
22
5.6
29
600
0.1
17
CDLL5252B
24
5.2
33
600
0.1
18
CDLL5253B
25
5.0
35
600
0.1
19
CDLL5254B
27
4.6
41
600
0.1
21
CDLL5255B
28
4.5
44
600
0.1
21
CDLL5256B
30
4.2
49
600
0.1
23
CDLL5257B
33
3.8
58
700
0.1
25
CDLL5258B
36
3.4
70
700
0.1
27
CDLL5259B
39
3.2
80
800
0.1
30
CDLL5260B
43
3.0
93
900
0.1
33
CDLL5261B
47
2.7
105
1000
0.1
36
CDLL5262B
51
2.5
125
1100
0.1
39
CDLL5263B
56
2.2
150
1300
0.1
43
CDLL5264B
60
2.1
170
1400
0.1
46
CDLL5265B
62
2.0
185
1400
0.1
47
CDLL5266B
68
1.8
230
1600
0.1
52
CDLL5267B
75
1.7
270
1700
0.1
56
CDLL5268B
82
1.5
330
2000
0.1
62
CDLL5269B
87
1.4
370
2200
0.1
68
CDLL5270B
91
1.4
400
2300
0.1
69
CDLL5271B
100
1.3
500
2600
0.1
76
CDLL5272B
110
1.1
750
3000
0.1
84
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
Power Derating: 10 mW / °C above TEC = +125°C
Forward Voltage: @ 200 mA: 1.1 Volts maximum
NOTE 1
“B” suffix = +5.0%, “A” suffix = +10%, no suffix = + 20%, "C" suffix = + 2% and "D" suffix = + 1%.
NOTE 2
Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal to
10% of1ZT.
NOTE 3
Nominal Zener voltage is measured with the device junction in thermal equilibrium at an
ambient temperature of 25°C + 3°C.
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com


Similar Part No. - CDLL5258B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL5283 CDI-DIODE-CDLL5283 Datasheet
27Kb / 2P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
CDLL5283 MICROSEMI-CDLL5283 Datasheet
38Kb / 2P
CURRENT REGULATOR DIODES
CDLL5283 MICROSEMI-CDLL5283 Datasheet
79Kb / 3P
CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
CDLL5284 CDI-DIODE-CDLL5284 Datasheet
27Kb / 2P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
CDLL5284 MICROSEMI-CDLL5284 Datasheet
38Kb / 2P
CURRENT REGULATOR DIODES
More results

Similar Description - CDLL5258B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com