Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU7233SF Datasheet(PDF) 9 Page - Rohm

Part # BU7233SF
Description  Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7233SF Datasheet(HTML) 9 Page - Rohm

Back Button BU7233SF Datasheet HTML 5Page - Rohm BU7233SF Datasheet HTML 6Page - Rohm BU7233SF Datasheet HTML 7Page - Rohm BU7233SF Datasheet HTML 8Page - Rohm BU7233SF Datasheet HTML 9Page - Rohm BU7233SF Datasheet HTML 10Page - Rohm BU7233SF Datasheet HTML 11Page - Rohm BU7233SF Datasheet HTML 12Page - Rohm BU7233SF Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200440-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
9/24
25.Dec.2013 Rev.002
TSZ22111・15・001
BU7230G
BU7230SG
BU7233F
BU7233SF
Typical Performance Curves - continued
○BU7230G, BU7230SG
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7230G: -40
C to +85C BU7230SG: -40C to +105C
60
80
100
120
140
160
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
60
80
100
120
140
160
12
3
4
56
Supply Voltage [V]
0
20
40
60
80
100
120
12
3
45
6
Supply Voltage [V]
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-1
0
1234
Input Voltage [V]
Figure 13.
Input Offset Voltage vs Input Voltage
(VDD=3V)
Figure 14.
Large Signal Voltage Gain vs Supply Voltage
Figure 15.
Large Signal Voltage Gain vs Ambient Temperature
Figure 16.
Common-mode Rejection Ratio vs Supply Voltage
-40°C
25°C
85°C
105°C
-40°C
25°C
85°C
105°C
5.5V
1.8V
3.0V
-40°C
25°C
85°C
105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com