Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZ2W033 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DZ2W033
Description  NEW Zener Diodes Series 1W/2W Zener Diodes Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DZ2W033 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DZ2W033 Datasheet HTML 1Page - Panasonic Semiconductor DZ2W033 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Overview
These series are new developed small surface mount package zener diode
series which power dissipation are 1W(DZ2W series) or 2W(DZ24 series),
mainly used for surge absorption.
Feature
45% mounting area comparing with conventional 1W type
(DZ2W series)
Zener voltage tolerance :
±5%
Zener Voltage : 2.4V to 51V(DZ2W series)
4.7V to 51V(DZ24 series)
Halogen Free Package
Application
Surge absorption circuit
Clipper circuit
Constant voltage circuit
NEW Zener Diodes Series
1W/2W Zener Diodes Series
Absolute Maximum Ratings (Ta=25
°C) (Tentative)
Specified value
Nom.
I
Z
Conditions
V
Z
Symbol
V
Zener Voltage*
Unit
Max.
Min.
Parameter
Common Electrical Characteristics (Ta=25
°C)
NEW
Note) * achieved with a printed circuit board
°C
-55 to +150
Tstg
Storage temperature
°C
150
Tj
Junction temperature
W
2
DZ24 series
W
1
DZ2W series
PT
Power dissipation*
Unit
Rating
Symbol
Parameter
Note) *Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 methods for diodes.
2.4 ±0.1
2
1
0.15 ±0.05
5°
1.75 ±0.10
2W type / DZ24 series
7°
+0.10
-0.06
0.90±0.10
0.16
1.60±0.10
2
1
1W type / DZ2W series
Please see next page
TMiniP2-F2-B
Mini2-F3-B
Unit: mm
Unit: mm
(Tentative)
New publication, effective from 20 Jan. 2010
DD00002AE


Similar Part No. - DZ2W033

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DZ2W03300L PANASONIC-DZ2W03300L Datasheet
350Kb / 5P
Silicon epitaxial planar type
2013-05-08
More results

Similar Description - DZ2W033

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZV47C5V1 STMICROELECTRONICS-BZV47C5V1 Datasheet
61Kb / 4P
2W ZENER DIODES
Jan-1998
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
1W Zener Diodes
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
1W Zener Diodes
logo
Cystech Electonics Corp...
ZD4728ASA CYSTEKEC-ZD4728ASA Datasheet
271Kb / 4P
1W Zener Diodes
logo
Kwang Myoung I.S. CO.,L...
1SMA4728A KISEMICONDUCTOR-1SMA4728A Datasheet
2Mb / 2P
1W ZENER DIODES
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
1W ZENER DIODES
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
1W ZENER DIODES
logo
New Jersey Semi-Conduct...
BZV47C5V1 NJSEMI-BZV47C5V1 Datasheet
194Kb / 3P
2W ZENER DIODES
logo
Shenzhen Luguang Electr...
2EZ LUGUANG-2EZ Datasheet
1Mb / 2P
2W Silicon Zener Diodes
logo
FutureWafer Tech Co.,Lt...
1SMA47XXA FUTUREWAFER-1SMA47XXA Datasheet
1Mb / 9P
1W Zener Diodes
21-DEC-2021 V 2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com