Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3372EEKAT Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX3372EEKAT
Description  ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3372EEKAT Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX3372EEKAT Datasheet HTML 10Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 11Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 12Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 13Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 14Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 15Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 16Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 17Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Applications Information
Power-Supply Decoupling
To reduce ripple and the chance of transmitting incor-
rect data, bypass VL and VCC to ground with a 0.1µF
capacitor. See the
Typical Operating Circuit. To ensure
full ±15kV ESD protection, bypass VCC to ground with a
1µF capacitor. Place all capacitors as close to the
power-supply inputs as possible.
I2C Level Translation
The MAX3373E–MAX3376E, MAX3378E/MAX3379E
and MAX3390E–MAX3393E level-shift the data present
on the I/O lines between +1.2V and +5.5V, making
them ideal for level translation between a low-voltage
ASIC and an I2C device. A typical application involves
interfacing a low-voltage microprocessor to a 3V or 5V
D/A converter, such as the MAX517.
Push-Pull vs. Open-Drain Driving
All devices in the MAX3372E–MAX3379E and
MAX3390E–MAX3393E family may be driven in a push-
pull configuration. The MAX3373E–MAX3376E/
MAX3378E/MAX3379E and MAX3390E–MAX3393E
include internal 10k
Ω resistors that pull up I/O VL_ and
I/O VCC_ to their respective power supplies, allowing
operation of the I/O lines with open-drain devices. See
the
Timing Characteristics table for maximum data rates
when using open-drain drivers.
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
14
Maxim Integrated
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 4b. IEC 1000-4-2 ESD Generator Current Waveform
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC 50M
Ω to 100MΩ
RD 330
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE-
UNDER-
TEST
Figure 4a. IEC 1000-4-2 ESD Test Model
MAX3378E–MAX3383E
THREE-STATE
I/O VL_
DATA
DATA
I/O VCC_
0.1
µF
0.1
µF
1
µF
+3.3V
+1.8V
VCC
+3.3V
SYSTEM
+1.8V
SYSTEM
CONTROLLER
VL
Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com