Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL3595 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CLL3595
Description  SURFACE MOUNT LOW LEAKAGE SILICON DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL3595 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CLL3595 Datasheet HTML 1Page - Central Semiconductor Corp CLL3595 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CLL3595
type is an epitaxial planar silicon diode,
manufactured in a hermetically sealed glass
surface mount package, designed for low
leakage, high conductance applications.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
150
V
Peak Working Reverse Voltage
VRWM
125
V
Average Forward Current
IO
150
mA
Forward Steady-State Current
IF
225
mA
Recurrent Peak Forward Current
if
600
mA
Peak Forward Surge Current (1.0s pulse)
IFSM
500
mA
Peak Forward Surge Current (1.0µs pulse)
IFSM
4.0
A
Power Dissipation
PD
500
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +200
°C
Thermal Resistance
ΘJA
350
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
BVR
IR=100µA
150
V
IR
VR=125V
1.0
nA
IR
VR=125V, TA=125°C
500
nA
IR
VR=125V, TA=150°C
3.0
µA
IR
VR=30V, TA=125°C
300
nA
VF
IF=1.0mA
0.54
0.69
V
VF
IF=5.0mA
0.62
0.77
V
VF
IF=10mA
0.65
0.80
V
VF
IF=50mA
0.75
0.88
V
VF
IF=100mA
0.79
0.92
V
VF
IF=200mA
0.83
1.00
V
CT
VR=0, f=1.0MHz
8.0
pF
trr
VR=3.5V, If=10mA, RL=1.0kΩ
3.0
µs
CLL3595
SURFACE MOUNT
LOW LEAKAGE SILICON DIODE
SOD-80 CASE
Central
Semiconductor Corp.
TM
R1 ( 25-September 2001)


Similar Part No. - CLL3595

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL3595 CENTRAL-CLL3595_10 Datasheet
304Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CLL3595 CENTRAL-CLL3595_15 Datasheet
304Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON DIODE
More results

Similar Description - CLL3595

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL457A CENTRAL-CLL457A Datasheet
98Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CMHD457A CENTRAL-CMHD457A Datasheet
107Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CLL457A CENTRAL-CLL457A_10 Datasheet
321Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CLL3595 CENTRAL-CLL3595_10 Datasheet
304Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CMHD457A CENTRAL-CMHD457A_10 Datasheet
371Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CMHD3595 CENTRAL-CMHD3595_10 Datasheet
373Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CMPD6001 CENTRAL-CMPD6001_10 Datasheet
653Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CLL3595 CENTRAL-CLL3595_15 Datasheet
304Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CMHD457A CENTRAL-CMHD457A_15 Datasheet
371Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CMHD3595 CENTRAL-CMHD3595_15 Datasheet
373Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com