Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL4621 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CLL4621
Description  500mW LOW NOISE ZENER DIODE 5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL4621 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CLL4621 Datasheet HTML 1Page - Central Semiconductor Corp CLL4621 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CLL4614
Series Silicon Zener Diode is a high quality
voltage regulator designed for low leakage, low
current and low noise applications.
Marking Code: Cathode Band
ABSOLUTE MAXIMUM RATINGS
SYMBOL
UNITS
Power Dissipation (@ TA=25oC)
PD
500
mW
Operating and Storage Temperature
TJ, Tstg
-65 to +200
oC
ELECTRICAL CHARACTERISTICS:
( TA=25oC) VF=1.0V MAX @ IF=200mA FOR ALL TYPES
CLL4614
THRU
CLL4627
500mW LOW NOISE ZENER DIODE
5% TOLERANCE
SOD-80
SOD-80 CASE
Central
Semiconductor Corp.
TM
*Available on special order; consult factory.
R3 ( 21-August 2001)
TYPE NO.
MAXIMUM
MAXIMUM REVERSE
MAXIMUM
MAXIMUM
ZENER
TEST
ZENER
LEAKAGE CURRENT
ZENER
NOISE
VOLTAGE
CURRENT
IMPEDANCE
CURRENT
DENSITY
VZ@IZT
IZT
ZZT@IZT
IR@VR
IZM
ND@IZT=250µµΑΑ
VOLTS
µµA
Ω
Ω
µµA
VOLTS
mA
µµV/ Hz
CLL4614*
1.8
250
1200
7.5
1.0
120
1.0
CLL4615*
2.0
250
1250
5.0
1.0
110
1.0
CLL4616*
2.2
250
1300
4.0
1.0
100
1.0
CLL4617*
2.4
250
1400
2.0
1.0
95
1.0
CLL4618*
2.7
250
1500
1.0
1.0
90
1.0
CLL4619*
3.0
250
1600
0.8
1.0
85
1.0
CLL4620*
3.3
250
1650
7.5
1.5
80
1.0
CLL4621*
3.6
250
1700
7.5
2.0
75
1.0
CLL4622*
3.9
250
1650
5.0
2.0
70
1.0
CLL4623*
4.3
250
1600
4.0
2.0
65
1.0
CLL4624*
4.7
250
1550
10
3.0
60
1.0
CLL4625*
5.1
250
1500
10
3.0
55
2.0
CLL4626*
5.6
250
1400
10
4.0
50
4.0
CLL4627*
6.2
250
1200
10
5.0
45
5.0


Similar Part No. - CLL4621

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4621 CENTRAL-CLL4621 Datasheet
305Kb / 2P
SURFACE MOUNT 500mW LOW NOISE SILICON ZENER DIODES 5% TOLERANCE
More results

Similar Description - CLL4621

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4614 CENTRAL-CMHZ4614 Datasheet
55Kb / 2P
500mW LOW NOISE ZENER DIODE 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
500mW,5% Tolerance Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
500mW,5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
500mW, 5% Tolerance SMD Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
500mW,5% Tolerance Zener Diode
MMSZ5221B TSC-MMSZ5221B_14 Datasheet
155Kb / 6P
500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com