Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4024 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SC4024
Description  Silicon NPN Epitaxial Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC4024 Datasheet(HTML) 1 Page - Sanken electric

  2SC4024 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
85
2SC4024
Silicon NPN Epitaxial Planar Transistor
Application : DC-DC Converter, Emergency Lighting Inverter and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
100
50
15
10
3
35(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
Ratings
10max
10max
50min
300 to 1600
0.5max
24typ
150typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=100V
VEB=15V
IC=25mA
VCE=4V, IC=1A
IC=5A, IB=0.1A
VCE=12V, IE=–0.5A
VCB=10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
4
2
6
10
8
24
6
Collector-Emitter Voltage V CE(V)
I B=35mA
5mA
25mA
30mA
10mA
15mA
20mA
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
1.0
1.5
0.5
0.002
0.01
0.1
2
1
Base Current I B(A)
0.02
0.1
0.5
5
11 0
100
500
1000
Collector Current I C(A)
(V CE=4V)
Typ
0.02
0.1
0.5
5
11 0
100
500
1000
Collector Current I C(A)
(V CE=4V)
I C=1A
5A
10A
3A
0.3
0.5
1
4
1
1 0
100
1000
Time t(ms)
10
50
3
5
100
0.2
1
0.5
30
10
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
DC
100ms
10ms
1ms
40
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
50x50x2
100x100x2
150x150x2
0
10
2
4
8
6
0
1.2
1.0
0.5
Base-Emittor Voltage V BE(V)
(V CE=4V)
25˚C
–30˚C
125˚C
–0.05 –0.1
–1
–0.5
–5
–10
20
10
0
30
(V CE=12V)
Emitter Current I E(A)
Typ
Natural Cooling
Silicone Grease
Heatsink: Aluminum
in mm
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
20
RL
(
Ω)
4
IC
(A)
5
IB2
(A)
–0.1
ton
(
µs)
0.5typ
tstg
(
µs)
2.0typ
tf
(
µs)
0.5typ
IB1
(A)
0.1
External Dimensions FM20(TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
Weight : Approx 2.0g
a. Part No.
b. Lot No.
High hFE
LOW VCE (sat)


Similar Part No. - 2SC4024

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC4024 SANKEN-2SC4024 Datasheet
23Kb / 1P
Silicon NPN Epitaxial Planar Transistor(DC-DC Converter, Emergency Lighting Inverter and General Purpose)
2SC4024 SANKEN-2SC4024 Datasheet
33Kb / 1P
Silicon NPN Epitaxial Planar Transistor
logo
Inchange Semiconductor ...
2SC4024 ISC-2SC4024 Datasheet
270Kb / 2P
isc Silicon NPN Power Transistor
logo
Sanken electric
2SC4024 SANKEN-2SC4024_1 Datasheet
33Kb / 1P
Silicon NPN Epitaxial Planar Transistor
More results

Similar Description - 2SC4024

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com