Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETX-PVR-R-14 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ETX-PVR-R-14
Description  ETX짰 Module with Intel짰 Atom??Single and
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ETX-PVR-R-14 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ETX-PVR-R-14 Datasheet HTML 1Page - List of Unclassifed Manufacturers ETX-PVR-R-14 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-16
ETX-PVR
Choose Ampro by ADLINK™ ETX-PVR for…
Extreme Rugged environments that require ETX Computer-
on-Modules with a wide range of power and performance
capabilities, excellent legacy support and the latest I/O
functionality.
Description
The Ampro by ADLINK™ ETX-PVR is an Extreme Rugged™
ETX Computer-on-Module that uses the power efficient
single core Intel® Atom™ N450 processor or a performance
optimized dual core Intel® Atom™ D510 processor and
plugs directly into your custom baseboard. The ETX-PVR
features Intel’s SpeedStep and Hyper-Threading
Technologies, provides legacy support for ISA, parallel and
serial devices and the latest I/O including PCI, USB 2.0,
SATA 3 Gb/s and onboard solid-state drive.
Specifications
Core System
CPU – Intel® Atom™ N450, 1.66GHz, 5.5 W (1 core/2 threads)
– Intel® Atom™ D510, 1.66GHz, 13 W (2 cores/4 threads)
– Intel® Atom™ D410, 1.66GHz , 10 W (1 core/2 threads)
Cache – 1GB, 8-way L2 cache for D510 dual-core processor
– 512KB, 8-way L2 cache for N450/D410 single-core processor
DRAM – Up to 2GB Single Channel DDR2 667 SODIMM
Chipset - Intel® ICH8M Chipset
BIOS - AMI with CMOS backup in 8 Mbit SPI flash memory
Bus Interface
32-bit PCI at 33MHz, ISA, LPC, SMBus, I2C
I/O
IDE – Single Channel IDE
SATA – Two devices
USB - Four USB 2.0 Ports
Storage: onboard SSD (4GB)
LPT/Floppy
Serial Ports - Two RS-232/422/485
PS/2 Keyboard and Mouse
Audio – ALC 262 High Definition Audio Codec
Network Interface
Ethernet - Intel® 82567V (10/100BASE-T) Ethernet Controller
Video Interface
Intel® GMA 3150, DirectX 9 compliant Pixel Shader v2.0
Single Channel 18-bit LVDS (N450: 1280 x 800; D410, D510: 1366 x768)
Analog VGA (N450: 1400 x 1050 @ 60Hz; D410, D510: 2048 x 1536 @ 60Hz)
Software & Development Tools
OS Support – Linux, Windows® CE 6.0, WES 2009 (XPe), VxWork 6.7, QNX 6.4*
BIOS – AMI with ACPI 2.0
*Note: Available upon request or contact us for more software support
Power Specifications
Input Power - AT mode (5V +/- 5%) and ATX mode
Power States - Supports S0, S3, S4, S5
Mechanical and Environmental
Size – ETX® form factor 114 mm x 95 mm
Board Thickness – 0.093” (2.36 mm)
Temperature
• Standard: -20°C to +70°C
• Extended: -40°C to +85°C
• Storage: -55°C to +85°C
Humidity – 90% at 60°C
Shock -
• Non-operating: 50G peak-to-peak, 11ms duration, MIL-STD-202G Method 213B
Vibration –
• Operating: 11.95 Grms, 50-2000 Hz, each axis, MIL-STD-202G Method 214A
Ordering Information
ETX® Module with Intel® Atom™ Single and
Dual Core Processors and ICH8M Chipset
Features
Intel® Atom™ N450 Power Optimized, 1.6GHz
Processor
Intel® Atom™ D510 Performance Optimized,
Dual Core, 1.6GHz Processor
Up to 2GB DDR2 667MHz Memory
Onboard 10/100BASE-T Ethernet
4GB Solid State Storage
Single Channel LVDS and VGA (1400 x 1050)
Model Number
Description/Configuration
ETX-PVR-R-14
ETX-PVR Module with Intel® Atom™ N450 Single Core
Processor at 1.6 GHz, 512KB L2 Cache, 18 bit LVDS, PCI,
LPC, SSD
ETX-PVR-R-16
ETX-PVR Module with Intel® Atom™ D410 Single Core
Processor at 1.6 GHz, 512KB L2 Cache, 18 bit LVDS, PCI,
LPC, SSD
ETX-PVR-R-18
ETX-PVR Module with Intel® Atom™ D510 Dual Core
Processor at 1.6 GHz, 1MB L2 Cache, 18 bit LVDS, PCI,
LPC, SSD
ETX-PVR-L-14
ETX form factor starter kit for ETX-PVR-R-14 includes
ETX-Proto Baseboard and HW/Kit, HTS-PVR-BT
heatspreader and 1GB SODIMM. USB stick with BSP/
drivers and manuals.
ETX-PVR-L-18
ETX form factor starter kit for ETX-PVR-R-18 includes
ETX-Proto Baseboard and HW/Kit, THSF-PVR-BT active
heatsink and 2GB SODIMM. USB stick with BSP/drivers
and manuals.


Similar Part No. - ETX-PVR-R-14

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ETX-625 AAEON-ETX-625 Datasheet
672Kb / 1P
Onboard Intel짰 LP Pentium짰 III/ ULV Celeron짰 Processors
ETX-700 AAEON-ETX-700 Datasheet
276Kb / 2P
ETX CPU Module with AMD Geode??LX Series Processor
ETX-701 AAEON-ETX-701 Datasheet
249Kb / 2P
ETX CPU Module with AMD Geode LX Series Processor
ETX-821 AAEON-ETX-821 Datasheet
209Kb / 1P
Intel짰 Pentium짰 M/ Celeron짰 M Processors
ETX-855 AAEON-ETX-855 Datasheet
214Kb / 1P
Intel짰 Pentium짰 M/ Celeron짰 M Processors
More results

Similar Description - ETX-PVR-R-14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4461 ADVANTECH-SOM-4461 Datasheet
319Kb / 2P
Intel짰 Atom??N270 ETX CPU Module
SOM-6761 ADVANTECH-SOM-6761 Datasheet
340Kb / 2P
Intel짰 Atom??N270 COM-Micro CPU Module
SOM-3565 ADVANTECH-SOM-3565 Datasheet
1Mb / 2P
Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-4461A2 ADVANTECH-SOM-4461A2 Datasheet
1Mb / 4P
Intel짰 Atom??Processor N270 ETX CPU Module
SOM-7562 ADVANTECH-SOM-7562_11 Datasheet
1Mb / 2P
Intel짰 Atom??Processor N450 COM-Ultra Module
logo
AAEON Technology
XTX-U15B AAEON-XTX-U15B Datasheet
317Kb / 2P
XTX CPU Module With Onboard Intel짰 Atom??Z530P/Z510P Processor
logo
Protech Systems Co., Lt...
EB-821LF PROTECHSYSTEMS-EB-821LF Datasheet
557Kb / 2P
3.5" SBC with Intel짰 Atom?
logo
Advantech Co., Ltd.
SOM-3565 ADVANTECH-SOM-3565_15 Datasheet
829Kb / 2P
Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-7562 ADVANTECH-SOM-7562_15 Datasheet
1Mb / 2P
Intel짰 Atom??Processor N450 COM-Ultra Module
logo
List of Unclassifed Man...
LEC-7050 ETC2-LEC-7050 Datasheet
191Kb / 2P
IPC with Intel짰 Atom??N2800
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com