Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L08054R7LGSTR Datasheet(PDF) 3 Page - AVX Corporation

Part # L08054R7LGSTR
Description  Accu-L짰 SMD High-Q RF Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

L08054R7LGSTR Datasheet(HTML) 3 Page - AVX Corporation

  L08054R7LGSTR Datasheet HTML 1Page - AVX Corporation L08054R7LGSTR Datasheet HTML 2Page - AVX Corporation L08054R7LGSTR Datasheet HTML 3Page - AVX Corporation L08054R7LGSTR Datasheet HTML 4Page - AVX Corporation L08054R7LGSTR Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
30
2
Typical Inductance vs. Frequency
L0805
Measured on HP4291A and
Wiltron 360 Vector Analyzer
100
10
1
22nH
15nH
10nH
5.6nH
1.8nH
0.01
0.1
Frequency (GHz)
110
200
100
10
1
03.5
3
2.5
2
1.5
1
0.5
15nH
10nH
6.8nH 4.7nH
2.7nH
Current (A)
Temperature rise will typically be no higher than shown by the graph
Maximum Temperature Rise
at 25°C ambient temperature (on FR-4)
L0805
Accu-L
® 0603 and 0805
SMD High-Q RF Inductor
Typical Q vs. Frequency
L0805
Measured on HP4291A and
Boonton 34A Coaxial Line
0.1
0
20
40
60
100
120
140
80
1
22nH
15nH
10nH
5.6nH
1.8nH
1.5nH
1.2nH
10
Frequency (GHz)
Typical Inductance vs. Frequency
L0603
15nH
8.2nH
6.8nH
4.7nH
3.3nH
2.2nH
1.8nH
1.2nH
100
10
1
0
0.5
1
1.5
Frequency (GHz)
2
2.5
3
180
160
140
120
100
80
60
40
20
0
01
2
Frequency (GHz)
Q
3
1.2nH
1.5nH
5.6nH
8.2nH
15nH
Typical Q vs. Frequency
L0603
Measured on AGILENT 4291B/4287
using the 16196A test fixture
Measured on AGILENT 4291B/4287
using the 16196A test fixture
L0805
L0603



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com