Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNRR77HDKB Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # DNRR77HDKB
Description  PAINTED BLACK THIN FILM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

DNRR77HDKB Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  DNRR77HDKB Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
DNRR77HDKB
PART NUMBERS
PAINTED BLACK THIN FILM
DNRR77HDKB
Item Number
Title
Quantity
1
DC4R - BASE ANGLE
2
2
DNRR - RAIL
2
3
DC4R TOP ANGLE
2
4
1/4-20 X 3/4 FLAT HEAD SCREW BLK
16
5
NUT 1/4-20 KEP
16
FRONT VIEW
TOP VIEW
SIDE VIEW
18.31 in
465 mm
19" MTG
17.75 in
451 mm
OPENING
77.13 in
1959 mm
44U
83.13 in
2111 mm
20.56 in
522 mm
2.00 in
51 mm
1.88 in
48 mm
2X
16.50 in
419 mm
2X
6.00 in
152 mm
O
.75 in
19 mm
4X
#10-32 UNF
STANDARD EIA SPACING.
(FRONT& REAR FLANGES)
1
3
2
5
3.00 in
76 mm
11.00 in
279 mm
2X
2.00 in
51 mm
2X
15.00 in
381 mm
4
NOTES
Shipped knockdown for handling ease & protection
Ease of assembly with self centering hardware
Includes assembly hardware
See Hammond Website for Additional Accessories


Similar Part No. - DNRR77HDKB

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DNRR77HDKB HAMMOND-DNRR77HDKB Datasheet
51Kb / 2P
BATI OUVERT A 2 MONTANTS A ASSEMBLER EN ACIER ROBUSTE
More results

Similar Description - DNRR77HDKB

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DC4R24 HAMMOND-DC4R24 Datasheet
225Kb / 1P
PAINTED BLACK THIN FILM
DC4RSHCM HAMMOND-DC4RSHCM Datasheet
141Kb / 1P
PAINTED BLACK THIN FILM
DNRR42HDW HAMMOND-DNRR42HDW Datasheet
159Kb / 1P
PAINTED BLACK THIN FILM
DNRR42LDW HAMMOND-DNRR42LDW Datasheet
203Kb / 1P
PAINTED BLACK THIN FILM
DNRR63HDW HAMMOND-DNRR63HDW Datasheet
165Kb / 1P
PAINTED BLACK THIN FILM
DNRR77LDW HAMMOND-DNRR77LDW Datasheet
234Kb / 1P
PAINTED BLACK THIN FILM
DNRR84HDW HAMMOND-DNRR84HDW Datasheet
171Kb / 1P
PAINTED BLACK THIN FILM
DNRR84LDW HAMMOND-DNRR84LDW Datasheet
239Kb / 1P
PAINTED BLACK THIN FILM
DNRR1963LDK HAMMOND-DNRR1963LDK Datasheet
481Kb / 1P
PAINTED BLACK THIN FILM
DNRR2384HDWB HAMMOND-DNRR2384HDWB Datasheet
128Kb / 1P
PAINTED BLACK THIN FILM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com