Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A465 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A465
Description  MISCELLANEOUS HARDWARE-ACCESSORIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A465 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A465 Datasheet HTML 1Page - List of Unclassifed Manufacturers A465 Datasheet HTML 2Page - List of Unclassifed Manufacturers A465 Datasheet HTML 3Page - List of Unclassifed Manufacturers A465 Datasheet HTML 4Page - List of Unclassifed Manufacturers A465 Datasheet HTML 5Page - List of Unclassifed Manufacturers A465 Datasheet HTML 6Page - List of Unclassifed Manufacturers A465 Datasheet HTML 7Page - List of Unclassifed Manufacturers A465 Datasheet HTML 8Page - List of Unclassifed Manufacturers A465 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
D
D2
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
MISCELLANEOUS HARDWARE
HEX NUT A112 Nickel plated brass
1/4-40
PANEL DRESS NUT A274
Nickel plated brass 1/4-40
HEX NUT A465
Nickel plated brass 15/32-32
HEX NUT Brass 1/4-40
Nickel plated U76 Matte black U94
HEX NUT Brass 15/32-32
Nickel plated U162 Matte black U41
Chrome plated U92
HEX NUT Brass 12mm (.472")
Nickel plated U166 Matte black U183
Chrome plated U212
6.35 DIA-40UNS
1.60
8.00
(.062)
(1/4-40UNS)
(.314)
(.551)
(.090)
14.00
2.30
11.90 DIA-32UNS
(15/32-32UNS)
HEX NUT U842 10mm (.393")
Nickel plated brass
(.472)
(.090)
12.00
12.00
2.30
2.30
10.00 DIA x 0.75 SI
10.00 DIA x 0.75 SI
(.393 DIA X 0.75 SI)
(.393 DIA X 0.75 SI)
HEX CAP NUT Brass 12mm (.472")
Chrome plated U35
PAL NUT U42 12mm (.472")
Zinc plated steel
HEX NUT U1950-5 19mm (.748")
Nickel plated brass
(.748 DIAx1.00 IS)
(.748 DIAx1.00 IS)
19.00 DIAx1.00 SI
19.00 DIAx1.00 SI
(.118)
(.118)
3.00
3.00
(.866)
(.866)
22.00
22.00
HEX NUT 10-855-5 19mm (.748")
Nickel plated brass
22.00
22.00
(.866)
(.866)
(.748 DIAx1.00 IS)
(.748 DIAx1.00 IS)
19.00 DIAx1.00 SI
19.00 DIAx1.00 SI
4.00
4.00
(.157)
(.157)
1.30-45
1.30-45
(.051-45 )
(.051-45 )
HEX NUT U1951-5 22mm (.866")
Nickel plated brass
(.866 DIAx1.00 IS)
(.866 DIAx1.00 IS)
22.00 DIAx1.00 SI
22.00 DIAx1.00 SI
3.00
3.00
(.118)
(.118)
(.984)
(.984)
25.00
25.00
PANEL DRESS NUT A540
Nickel plated brass 15/32-32
PANEL DRESS NUT A168P1
Blind thread, Nickel plated brass
1/4-40
PANEL DRESS NUT A168P2
Thru thread, Nickel plated brass
1/4-40
HEX NUT 10-856-5 22mm (.866")
Nickel plated brass
22.00 DIAx1.00 SI
22.00 DIAx1.00 SI
(.866 DIAx1.00 IS)
(.866 DIAx1.00 IS)
(.157)
(.157)
4.00
4.00
25.00
25.00
(.984)
(.984)
(.051-45 )
(.051-45 )
1.30-45
1.30-45
(.354)
(.354)
(.078)
(.078)
9.00
9.00
2.00
2.00
6.00 DIA
6.00 DIA x 0.75 SI
x 0.75 SI
(.236 DIA
(.236 DIA x 0.75SI)
x 0.75SI)
HEX NUT Brass
Nickel plated U208 Matte black U726
(.086)
2.00
6.00 DIA x 0.75 SI
(.236 DIA x 0.75SI)
HEX NUT Brass
Chrome plated U1916
19.00
19.00
(.748)
(.748)
(.629 DIAx1.00 IS)
(.629 DIAx1.00 IS)
16.00 DIAx1.00 SI
16.00 DIAx1.00 SI
3.00
3.00
(.118)
(.118)
1.20-45
1.20-45
(.047-45 )
(.047-45 )
HEX NUT 10-621 16mm (.629")
Nickel plated brass
24.00 DIAx1.00 SI
24.00 DIAx1.00 SI
(.944 DIAx1.00 IS)
(.944 DIAx1.00 IS)
(.157)
(.157)
4.00
4.00
27.00
27.00
(1.062)
(1.062)
(.051-45 )
(.051-45 )
1.30-45
1.30-45
HEX NUT U2059-5 24mm (.944")
Nickel plated brass
(.09)
(.09)
(.551)
(.551)
2.30
2.30
14.00
14.00
(.472DIA X 0.75SI)
(.472DIA X 0.75SI)
12.00DIA X 0.75SI
12.00DIA X 0.75SI
(.629)
(.629)
(.137)
(.137)
16.00
16.00
3.50
3.50
12.00DIA X 0.75SI
12.00DIA X 0.75SI
(.472DIA X 0.75SI)
(.472DIA X 0.75SI)
16.00
16.00
(.629)
(.629)
(.086)
(.086)
2.20
2.20
12.00DIA X 0.75SI
12.00DIA X 0.75SI
(.472DIA X 0.75SI)
(.472DIA X 0.75SI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com