Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS25003 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PS25003
Description  Demonstration Kit Standard Components
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS25003 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PS25003 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS25003 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS25003 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS25003 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS25003 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS25003 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS25003 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS25003 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS25003 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Document 291945 Issue 1
www.
plesseysemi.com
- 6 -
REAR
USB
EARTH
INV
NON-INV
PS25003
x1
x100
DRL Out
USB
EARTH
USB
EARTH
INV
NON-INV
PS25003
x1
x100
DRL Out
Control and Interface box rear panel
Earth terminal
Driven Right Leg (DRL) circuit
o
Phase selector
o
Gain control, x1 to x100
o
4mm output socket
A USB 2.0 interface
A short specification of the control and interface box is:
Parameter
min
typ
max
Units
Notes
Supply voltage – USB 2.0
5.0
V
Low pass filter
30
Hz
Notch filter
frequency
50/60
Hz
attenuation
30
dB
Q
4
Analogue output impedance
10
Data acq’n
resolution
12
bit
Sampling rate
10
kS/s
Output rate
150
Hz
The power for the internal electronics of the box is provided by the data acquisition
card. This is a National Instruments card, USB-6008. The internal electronics can
only be powered by connection of the USB port to a computer with the driver for the
DAQ installed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com