Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB-740-R-19 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RB-740-R-19
Description  ReadyBoard??740
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RB-740-R-19 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RB-740-R-19 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.adlinktech.com/rugged
Specifications
Core System
CPU
Intel® Atom™ N450, 1.66GHz, 5.5 W (1 core/2 threads)
Intel® Atom™ D510, 1.66GHz, 13 W (2 cores/4 threads)
Cache
1MB, 8-way L2 cache for D510 dual-core processor,
512KB, 8-way L2 cache for N450/D410 single-core
processor
Memory
Up to 2GB single channel DDR2 667/800 SODIMM
Chipset
Intel® ICH8-M
BIOS
AMI with CMOS backup in 16 Mbit SPI flash with ACPI 2.0
Hardware Monitor
Supply voltages and CPU temperature
Expansion Buses
PCI-104, PCIe Mini Card
I/O Interfaces
SATA
2 devices
USB
6 USB 2.0 ports, 4 ports through pin headers
Serial
4 configurable ports for RS-232/422/485
LED & Reset
Power, SATA active, reset button
Keyboard/Mouse
PS/2 interface
GPIO
8
Audio
High Definition Audio
Storage
Onboard SSD
Ethernet
Intel® 82574L Gigabit Ethernet ports
Video
DVMT 4.0, 400 MHz core render clock
DirectX 9 compliant Pixel Shader v2.0
Intel® Clear Video
MPEG2 Hardware Acceleration
Technology
ProcAmp
3 displayports:
Analog VGA display up to 2048 x 1536 @ 60 Hz
VGA, LVDS, and DVI
Single channel 24-bit LVDS up to 1366 x 768
DVI-D interface up to UXGA (1600 x 1200)
H.264 Video Decoder
PCIe Broadcom BCM70015
(optional)
High Definition Video (1080p) playback
Power
Input Power
AT mode (12 V +/- 5%), ATX mode (12 V and 5 Vsb +/- 5%)
Power States
Supports S0, S1, S3, S5
Mechanical and Environmental
Form Factor
EPIC
Dimensions
165.1 x 114.3 mm (6.5 x 4.5”)
Board Thickness
2.36 mm (0.093”)
Operating Temperature Standard: 0°C to +60°C
Industrial: -20°C to +70°C
Storage Temperature
-20°C to +75°C
Humidity
90% at +60°C
Operating Systems
Standard Support
Win 7, Windows XP, Linux
Extended Support (BSP) Win XPe, WES 2009, Win CE 6.0, VxWorks 5.5/6.7/6.8/6.9,
QNX 6.4
Ordering Information
EPIC Single Board Computer with Dual Core Intel®
Atom™ Processor
ReadyBoard™ 740
Features
Single/Dual Core Intel® Atom™ Processor
Gigabit Ethernet
Analog VGA, LVDS and DVI-D display
PCI Express Mini Card socket
Onboard SSD
Modules
Model Number
Description/Configuration
RB-740-R-18
Intel® Atom™ N450 1.66GHz, Integrated Graphics, 18-bit
LVDS, 4GB on board SSD, -20°C to +70°C
RB-740-R-19
Intel® Atom™ D510 1.66GHz, DVI, 24-bit LVDS, 4GB on
board SSD, -20°C to +70°C
Accessories
Model Number
Description/Configuration
DDR2 Memory
Verified industrial grade 1GB, 2GB DDR2 SODIMM memory
available
Recommended Configurations
Model Number
Description/Configuration
RB-740-R-18, 1G
(ETT)
RB-740-R-18, 1G industrial grade RAM, -20°C to +70°C
(optional)


Similar Part No. - RB-740-R-19

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RB-7 RENCO-RB-7 Datasheet
1Mb / 1P
DRUM CORES
logo
List of Unclassifed Man...
RB-737 ETC2-RB-737 Datasheet
60Kb / 1P
Vinyl Insulated Ring . Insulation Grip
More results

Similar Description - RB-740-R-19

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
DIOPSIS 740 Dual Core DSP
logo
Renesas Technology Corp
7540_M RENESAS-7540_M Datasheet
4Mb / 366P
8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
38C3_M RENESAS-38C3_M Datasheet
1Mb / 224P
8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
7480_M RENESAS-7480_M Datasheet
2Mb / 337P
8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
3800 RENESAS-3800 Datasheet
1Mb / 174P
8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
logo
TAI-SAW TECHNOLOGY CO.,...
TA0882A TAI-SAW-TA0882A Datasheet
404Kb / 7P
SAW Filter 740 MHz
logo
TriQuint Semiconductor
856931 TRIQUINT-856931 Datasheet
748Kb / 9P
710/740 MHz Duplexer
857182 TRIQUINT-857182_15 Datasheet
739Kb / 9P
710/740 MHz SAW Duplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TA2440B TAI-SAW-TA2440B Datasheet
1Mb / 10P
SAW Filter 740 MHz
logo
ATGBICS by Approved Tec...
740-066971-C ATGBICS-740-066971-C Datasheet
398Kb / 6P
740-066971 Juniper Compatible Active Optical Cable 10G SFP (15m)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com