Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA024X Datasheet(PDF) 1 Page - Rohm

Part # DTA024X
Description  PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA024X Datasheet(HTML) 1 Page - Rohm

  DTA024X Datasheet HTML 1Page - Rohm DTA024X Datasheet HTML 2Page - Rohm DTA024X Datasheet HTML 3Page - Rohm DTA024X Datasheet HTML 4Page - Rohm DTA024X Datasheet HTML 5Page - Rohm DTA024X Datasheet HTML 6Page - Rohm DTA024X Datasheet HTML 7Page - Rohm DTA024X Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DTA024X series
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
Datasheet
l
lOutline
Parameter
Value
VMT3
EMT3F
VCC
-50V
 
 
 
 
IC(MAX.)
-100mA
R1
22kΩ
DTA024XM
DTA024XEB
R2
47kΩ
(SC-105AA)
(SC-89)
UMT3F
                     
l
lFeatures
 
 
 
 
1) Built-In Biasing Resistors, R1 = 22kΩ,
 R2 = 47kΩ
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) The bias resistors consist of thin-film resistors
 with complete isolation to allow negative biasing
 of the input. They also have the advantage of
 completely eliminating parasitic effects.
4) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
5) Complementary NPN Types: DTC024X series
6) Lead Free/RoHS Compliant.
 
 
 
 
DTA024XUB
 
(SC-85)
 
                     
l
lInner circuit
l
lApplication
Switching circuit, Inverter circuit, Interface circuit,
Driver circuit
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTA024XM
VMT3
1212
T2L
180
8
8000
59
DTA024XEB
EMT3F
1616
TL
180
8
3000
59
DTA024XUB
UMT3F
2021
TL
180
8
3000
59
                                                                                         
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
1/7
20130828 - Rev.002


Similar Part No. - DTA024X

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA024X ROHM-DTA024X Datasheet
1Mb / 10P
PNP -100mA -50V Digital Transistor
DTA024XEB ROHM-DTA024XEB Datasheet
1Mb / 10P
PNP -100mA -50V Digital Transistor
DTA024XM ROHM-DTA024XM Datasheet
1Mb / 10P
PNP -100mA -50V Digital Transistor
DTA024XUB ROHM-DTA024XUB Datasheet
1Mb / 10P
PNP -100mA -50V Digital Transistor
DTA024X ROHM-DTA024X_16 Datasheet
1Mb / 10P
PNP -100mA -50V Digital Transistor
More results

Similar Description - DTA024X

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124EUAT106 ROHM-DTA124EUAT106 Datasheet
279Kb / 11P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114E ROHM-DTA114E_12 Datasheet
275Kb / 11P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114EETL ROHM-DTA114EETL Datasheet
275Kb / 11P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143EETL ROHM-DTA143EETL Datasheet
277Kb / 11P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114TUAT106 ROHM-DTA114TUAT106 Datasheet
529Kb / 10P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JUAT106 ROHM-DTA123JUAT106 Datasheet
268Kb / 11P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 8P
PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114ECAHZG ROHM-DTA114ECAHZG Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JCAHZG ROHM-DTA123JCAHZG Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com