Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-M72T Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M72T
Description  High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M72T Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M72T Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72T Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72T Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72T Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72T Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72T Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72T Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72T Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72T Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Ordering Information
Part Number
Option
Package
Surface Mount
Tape & Reel
IEC/EN/DIN EN
60747-5-2
Quantity
(RoHS) Compliant
ACPL-M71T
-000E
SO-5
X
100 per tube
-060E
X
X
100 per tube
-500E
X
X
1500 per reel
-560E
X
X
X
1500 per reel
ACPL-M72T
-000E
SO-5
X
100 per tube
-060E
X
X
100 per tube
-500E
X
X
1500 per reel
-560E
X
X
X
1500 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
For example, the part number ACPL-M71T-500E describes a device with a surface mount SOIC-5 package; delivered in
Tape and Reel with 1500 parts per reel; and full RoHS compliance.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Package Dimensions
ACPL-M71T / ACPL-M72T (JEDEC MO-155 Package)
M71T
YWW
EE
6
5
4
3
1
7.0 ± 0.2
(0.276 ± 0.008)
2.5 ± 0.1
(0.098 ± 0.004)
0.102 ± 0.102
(0.004 ± 0.004)
V CC
V OUT
GND
CATHODE
ANODE
4.4 ± 0.1
(0.173 ± 0.004)
1.27
(0.050)
BSC
0.20 ± 0.025
(0.008 ± 0.001)
0.71
(0.028)
MIN
0.4 ± 0.05
(0.016 ± 0.002)
3.6 ± 0.1*
(0.142 ± 0.004)
DIMENSIONS IN MILLIMETERS (INCHES)
* MAXIMUM MOLD FLASH ON EACH SIDE IS 0.15 mm (0.006)
NOTE: FLOATING LEAD PROTRUSION IS 0.15 mm (6 mils) MAX.
Extended Datecode
for lot tracking
7° MAX.
MAX. LEAD COPLANARITY
= 0.102 (0.004)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com