Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST10 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACST10
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST10 Datasheet(HTML) 5 Page - STMicroelectronics

  ACST10 Datasheet HTML 1Page - STMicroelectronics ACST10 Datasheet HTML 2Page - STMicroelectronics ACST10 Datasheet HTML 3Page - STMicroelectronics ACST10 Datasheet HTML 4Page - STMicroelectronics ACST10 Datasheet HTML 5Page - STMicroelectronics ACST10 Datasheet HTML 6Page - STMicroelectronics ACST10 Datasheet HTML 7Page - STMicroelectronics ACST10 Datasheet HTML 8Page - STMicroelectronics ACST10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ACST10
Characteristics
Doc ID 15237 Rev 3
5/13
Figure 14.
Relative variation of maximum clamping voltage, VCL vs. junction temperature
Figure 12.
Relative variation of critical rate of
decrease of main current (di/dt)c
vs. junction temperature
Figure 13.
Relative variation of static dV/dt vs.
junction temperature
(dI/dt)c[T ] /
j
(dI/dt)c[T =125°C]
j
Tj(°C)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
25
50
75
100
125
T
j(°C)
0
1
2
3
4
5
6
7
8
9
10
11
25
50
75
100
125
V= V= 469 V
DR
(dV/dt)[T ] / (dV/dt)[T = 125 °C]
jj
0.85
0.90
0.95
1.00
1.05
1.10
1.15
-50
-25
0
25
50
75
100
125
t (°C)
j
V [T ] / V [T = 25 °C]
CL
j
CL
j
Minimum values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com