Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD421 Datasheet(PDF) 9 Page - Analog Devices

Part # AD421
Description  Loop-Powered 4 mA to 20 mA DAC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD421 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD421 Datasheet HTML 5Page - Analog Devices AD421 Datasheet HTML 6Page - Analog Devices AD421 Datasheet HTML 7Page - Analog Devices AD421 Datasheet HTML 8Page - Analog Devices AD421 Datasheet HTML 9Page - Analog Devices AD421 Datasheet HTML 10Page - Analog Devices AD421 Datasheet HTML 11Page - Analog Devices AD421 Datasheet HTML 12Page - Analog Devices AD421 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AD421
–9–
REV. C
The HC11 generates the requisite eight clock pulses with data
valid on the rising edges. After the MSBY is transmitted, the
least significant byte (LSBY) is loaded from memory and
transmitted in a similar fashion. To complete the transfer, the
LATCH pin is driven high when loading the complete 16-bit
word into the AD421.
AD421 TO MICROWIRE INTERFACE
The flexible serial interface of the AD421 is also compatible
with the National Semiconductor MICROWIRE interface. The
MICROWIRE interface is used in microcontrollers such as the
COP400 and COP800 series of processors. A generic interface
to use the MICROWIRE interface is shown in Figure 9. The
G1, SK, and SO pins of the MICROWIRE interface respec-
tively connect to the LATCH, CLOCK, and DATA IN pins of
the AD421.
SK
SO
CLOCK
DATA IN
LATCH
AD421*
MICROWIRE
* ADDITIONAL PINS OMITTED FOR CLARITY
G1
Figure 9. AD421 to MICROWIRE Interface
Opto-Isolated Interface
The AD421 has a versatile serial 3-wire serial interface making
it ideal for minimizing the number of control lines required for
isolation of the digital system from the control loop. In intrinsi-
cally safe applications or due to noise, safety requirements, or
distance, it may be necessary to isolate the AD421 from the
controller. This can easily be achieved by using opto-isolators.
Figure 10 shows an opto-isolated interface to the AD421 where
CLOCK, DATAIN and LATCH are driven from opto-couplers.
Be aware of signal inversion across the opto-couplers. If opto-
couplers with relatively slow rise and fall times are used, Schmitt
triggers may be required on the digital inputs to prevent errone-
ous data being presented to the DAC.
0.1 F
2.2 F
VCC
10k
VCC
10k
VCC
10k
VCC
CLOCK
LATCH
DATA IN
AD421*
COM
CLOCK
LATCH
DATA IN
VCC
* ADDITIONAL PINS OMITTED FOR CLARITY
Figure 10. Opto-Isolated Interface
APPLICATIONS SECTION
Basic Operating Configuration
Figure 11 shows the basic connection diagram for the AD421
operating at 5 V. This circuit shows the minimum of external
components to operate the AD421. In the diagram, the AD421’s
regulator loop in conjunction with the DN25D pass transistor
provides the VCC voltage for the AD421 itself and for other
devices in the transmitter. The VCC pin should be well decou-
pled with a 2.2
µF capacitor to ensure regulator stability and to
absorb power glitches on the VCC line of the AD421 and other
devices in the system. If the AD421 is operated with VCC = 3 V,
the transfer function shifts negative. To correct for this a 16 k
Ω
resistor connected between COM and LOOPRTN will approxi-
mately compensate for the VCC supply sensitivity in moving from
5 V to 3 V by adjusting the gain of the AD421.
C1
C2
C3
COM
COM TO EXTERNAL
CIRCUITRY
VCC
LV
2.2 F
COM
VCC TO EXTERNAL
CIRCUITRY
DN25D
DRIVE
COMP
0.01 F
1k
1000pF
BOOST
LOOP RTN
VLOOP
0.01 F0.01 F
0.0033 F
LATCH
CLOCK
DATA
REF IN
REF OUT2
REF OUT1
4.7 F
COM
AD421
Figure 11. Basic Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com