Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD581 Datasheet(PDF) 1 Page - Analog Devices

Part # AD581
Description  High Precision 10 V IC Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD581 Datasheet(HTML) 1 Page - Analog Devices

  AD581 Datasheet HTML 1Page - Analog Devices AD581 Datasheet HTML 2Page - Analog Devices AD581 Datasheet HTML 3Page - Analog Devices AD581 Datasheet HTML 4Page - Analog Devices AD581 Datasheet HTML 5Page - Analog Devices AD581 Datasheet HTML 6Page - Analog Devices AD581 Datasheet HTML 7Page - Analog Devices AD581 Datasheet HTML 8Page - Analog Devices AD581 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
High Precision
10 V IC Reference
AD581
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalog Devices foritsuse,nor for anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Laser trimmed to high accuracy
10.000 V ±5 mV (L and U models)
Trimmed temperature coefficient
5 ppm/°C maximum, 0°C to 70°C (L model)
10 ppm/°C maximum, −55°C to +125°C (U model)
Excellent long-term stability
25 ppm/1000 hrs (noncumulative)
−10 V reference capability
Low quiescent current: 1.0 mA maximum
10 mA current output capability
3-pin TO-5 package
MIL-STD-883 compliant versions available
FUNCTIONAL BLOCK DIAGRAM
TO-5
BOTTOM VIEW
+VS
VOUT
GND
AD581
Figure 1.
GENERAL DESCRIPTION
The AD581 is a 3-pin, temperature compensated, monolithic,
band gap voltage reference that provides a precise 10.00 V output
from an unregulated input level ranging from 12 V to 30 V.
Laser wafer trimming (LWT) is used to trim both the initial
error at +25°C as well as the temperature coefficient, resulting
in high precision performance previously available only in expen-
sive hybrids or oven regulated modules. The 5 mV initial error
tolerance and 5 ppm/°C guaranteed temperature coefficient of
the AD581L is available in a monolithic voltage reference.
The band gap circuit design used in the AD581 offers several
advantages over classical Zener breakdown diode techniques.
Most important, no external components are required to
achieve full accuracy and significant stability to low power
systems. In addition, total supply current to the device,
including the output buffer amplifier (which can supply up
to 10 mA) is typically 750 μA. The long-term stability of the
band gap design is equivalent to selected Zener reference
diodes.
The AD581 is recommended for use as a reference for 8-, 10-
or 12-bit digital-to-analog converters (DACs) that require an
external precision reference. The device is also ideal for all types
of analog-to-digital converters (ADCs) up to 14-bit accuracy,
either successive approximation or integrating designs, and can
generally offer better performance than that provided by standard
self-contained references.
The AD581J, AD581K, and AD581L are specified for operation
from 0°C to 70°C; the AD581S, AD581T, and AD581U are
specified for the −55°C to +125°C range. All grades are
packaged in a hermetically sealed 3-pin TO-5 metal can.
PRODUCT HIGHLIGHTS
1.
Laser trimming of both initial accuracy and temperature
coefficient results in very low errors over temperature
without the use of external components. The AD581L has
a maximum deviation from 10.000 V of ±7.25 mV from
0°C to 70°C, whereas the AD581U guarantees ±15 mV
maximum total error without external trims from −55°C
to +125°C.
2.
Because the laser trimming is done on the wafer prior to
separation into individual chips, the AD581 is extremely
valuable to hybrid designers for its ease of use, lack of
required external trims, and inherent high performance.
3.
The AD581 can also be operated in a 2-pin Zener mode to
provide a precision −10 V reference with just one external
resistor to the unregulated supply. The performance in this
mode is nearly equal to that of the standard 3-pin confi-
guration.
4.
Advanced circuit design using the band gap concept allows
the AD581 to give full performance with an unregulated
input voltage down to 13 V. With an external resistor, the
device operates with a supply as low as 11.4 V.
5.
The AD581 is available in versions compliant with
MILSTD-883. Refer to the military datasheet for detailed
specifications.


Similar Part No. - AD581

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD581 AD-AD581 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581 AD-AD581 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581 AD-AD581 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581JH AD-AD581JH Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
logo
List of Unclassifed Man...
AD581JH ETC2-AD581JH Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - AD581

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD587 AD-AD587 Datasheet
177Kb / 12P
High Precision 10 V Reference
7/04-Data Sheet Changed from REV. E to REV. F.
AD688 AD-AD688 Datasheet
406Kb / 8P
High Precision -10 V Reference
AD580 AD-AD580_04 Datasheet
196Kb / 8P
High Precision, 2.5 V IC Reference
REV. B
AD581 AD-AD581 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD581SH AD-AD581SH Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581 AD-AD581_15 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD587 AD-AD587_15 Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD688 AD-AD688_15 Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com