Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD581TH Datasheet(PDF) 3 Page - Analog Devices

Part # AD581TH
Description  High Precision 10 V IC Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD581TH Datasheet(HTML) 3 Page - Analog Devices

  AD581TH Datasheet HTML 1Page - Analog Devices AD581TH Datasheet HTML 2Page - Analog Devices AD581TH Datasheet HTML 3Page - Analog Devices AD581TH Datasheet HTML 4Page - Analog Devices AD581TH Datasheet HTML 5Page - Analog Devices AD581TH Datasheet HTML 6Page - Analog Devices AD581TH Datasheet HTML 7Page - Analog Devices AD581TH Datasheet HTML 8Page - Analog Devices AD581TH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD581
Rev. C | Page 3 of 12
SPECIFICATIONS
@ VIN = +15 V and TA = +25°C.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate
outgoing quality levels. All minimum and maximum specifications are guaranteed, although only those shown in boldface are tested on
all production units.
Table 1.
Model
AD581J
AD581K
AD581L
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
OUTPUT VOLTAGE TOLERANCE
(Error from Nominal 10,000 V Output)
±30
±10
±5
mV
OUTPUT VOLTAGE CHANGE
Maximum Deviation from +25°C
±13.5
±6.75
±2.25
mV
Value, TMIN to TMAX
Temperature Coefficient
30
15
5
ppm/°C
LINE REGULATION
15 V ≤ VIN ≤ 30 V
3.0
3.0
3.0
mV
(0.002)
(0.002)
(0.002)
%/V
13 V ≤ VIN ≤ 15 V
1.0
1.0
1.0
mV
(0.005)
(0.005)
(0.005)
%/V
LOAD REGULATION
0 ≤ IOUT ≤ 5 mA
200
500
200
500
200
500
μV/mA
QUIESCENT CURRENT
0.75
1.0
0.75
1.0
0.75
1.0
mA
TURN-ON SETTLING TIME TO 0.1%1
200
200
200
μs
NOISE (0.1 Hz TO 10 Hz)
40
40
40
μV (p-p)
LONG-TERM STABILITY
25
25
25
ppm/1000 hr
SHORT-CIRCUIT CURRENT
30
30
30
mA
OUTPUT CURRENT
Source @ +25°C
10
10
10
mA
Source TMIN to TMAX
5
5
5
mA
Sink TMIN to TMAX
5
5
5
μA
TEMPERATURE RANGE
Specified
0
70
0
70
0
70
°C
Operating
−65
+150
−65
+150
−65
+150
°C
PACKAGE OPTION2
TO-5 (H-03B)
AD581JH
AD581KH
AD581LH
1 See Figure 7.
2 H indicates the hermetic metal can.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com